Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3270185 Datasheet (PDF) - PHOENIX CONTACT

3270185 Datasheet PDF - PHOENIX CONTACT
Part # 3270185
Download  3270185 Download
File Size   191.17 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential distributors - FTRV 4-FE /BKYE

3270185 Datasheet (PDF)

Go To PDF Page Download Datasheet
3270185 Datasheet PDF - PHOENIX CONTACT

Part # 3270185
Download  3270185 Click to download

File Size   191.17 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential distributors - FTRV 4-FE /BKYE

3270185 Datasheet (HTML) - PHOENIX CONTACT


3270185 Product details

Potential distributors, without actuation lever, nom. voltage: 250 V, nominal current: 17.5 A, cross
section: 0.14 mm² - 2.5 mm², AWG: 14 - 26, connection method: Push-in connection, number of positions: 2,
number of connections: 16, width: 8.3 mm, length: 64 mm, color: gray, color of connection elements: black,
yellow, mounting: NS 35/7,5, NS 35/15

Your advantages
Tool-free wiring in a confined space thanks to compact size
Individual color assignment of cable and terminal point to ensure error-free, safe operation
High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
Potential distributor in black-yellow version for marking the functional ground
The 2.3 mm test connection enables testing between the conductors with test pins commonly used in the industry




Similar Part No. - 3270185

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270181 PHOENIX-3270181 Datasheet
832Kb / 33P
Potential distributors - FTRV 4-PV BU/BK
Jun 15, 2022
3270184 PHOENIX-3270184 Datasheet
832Kb / 33P
Potential distributors - FTRV 4-FE /YEBK
Jun 15, 2022
3270187 PHOENIX-3270187 Datasheet
925Kb / 35P
Marshalling panel - FTRV 8 /WHRD
Jun 15, 2022
More results


Similar Description - 3270185

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270131 PHOENIX-3270131 Datasheet
190Kb / 16P
Potential distributors - PTRV 4-FE /BKYE
09/12/2020
3270149 PHOENIX-3270149 Datasheet
205Kb / 18P
Potential distributors - PTRV 8-FE /BKYE
09/12/2020
3270178 PHOENIX-3270178 Datasheet
831Kb / 33P
Potential distributors - FTRV 4-PV /BK
Jun 15, 2022
3270181 PHOENIX-3270181 Datasheet
832Kb / 33P
Potential distributors - FTRV 4-PV BU/BK
Jun 15, 2022
3270184 PHOENIX-3270184 Datasheet
832Kb / 33P
Potential distributors - FTRV 4-FE /YEBK
Jun 15, 2022
3270191 PHOENIX-3270191 Datasheet
928Kb / 35P
Potential distributors - FTRV 8 BU/WHRD
Jun 15, 2022
3270192 PHOENIX-3270192 Datasheet
928Kb / 35P
Potential distributors - FTRV 8 BU/RDWH
Jun 15, 2022
3270194 PHOENIX-3270194 Datasheet
931Kb / 37P
Potential distributors - FTRV 8-PV /BK
Jun 15, 2022
3270202 PHOENIX-3270202 Datasheet
931Kb / 37P
Potential distributors - FTRV 8-FE /YEBK
Jun 15, 2022
3270204 PHOENIX-3270204 Datasheet
931Kb / 37P
Potential distributors - FTRV 8-FE /BKYE
Jun 15, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com