Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0902247 Datasheet (PDF) - PHOENIX CONTACT

0902247 Datasheet PDF - PHOENIX CONTACT
Part # 0902247
Download  0902247 Download
File Size   58.92 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 62C 16A

0902247 Datasheet (PDF)

Go To PDF Page Download Datasheet
0902247 Datasheet PDF - PHOENIX CONTACT

Part # 0902247
Download  0902247 Click to download

File Size   58.92 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 62C 16A

0902247 Datasheet (HTML) - PHOENIX CONTACT


0902247 Product details

Thermomagnetic circuit breaker, two-pole, 16 A thermal trip. DIN rail mounted and UL 1077-recognized with optional auxiliary contact for either S or H remote signal. Protects wiring and equipment from overcurrent and short circuit faults.




Similar Part No. - 0902247

ManufacturerPart #DatasheetDescription
logo
KNIPEX
0902240T KNIPEX-0902240T Datasheet
148Kb / 2P
Linemans Pliers With tether attachment point American style
05.07.2021
More results


Similar Description - 0902247

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0902166 PHOENIX-0902166 Datasheet
57Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 0,5A
1/20/14
0902179 PHOENIX-0902179 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 01A
01.06.2012
0902218 PHOENIX-0902218 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 06A
05.10.2012
0902221 PHOENIX-0902221 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 10A
01.06.2012
0902250 PHOENIX-0902250 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 20A
05.10.2012
0902263 PHOENIX-0902263 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 25A
04.10.2012
0902276 PHOENIX-0902276 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 32A
01.06.2012
0902289 PHOENIX-0902289 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 40A
01.06.2012
0902302 PHOENIX-0902302 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 63A
01.06.2012
0902399 PHOENIX-0902399 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 63C 16A
04.10.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com