Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0902240T Datasheet (PDF) - KNIPEX

0902240T Datasheet PDF - KNIPEX
Part # 0902240T
Download  0902240T Download
File Size   148.87 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Linemans Pliers With tether attachment point American style

0902240T Datasheet (PDF)

Go To PDF Page Download Datasheet
0902240T Datasheet PDF - KNIPEX

Part # 0902240T
Download  0902240T Click to download

File Size   148.87 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Linemans Pliers With tether attachment point American style

0902240T Datasheet (HTML) - KNIPEX


0902240T Product details

General
Article No. 09 02 240 T
EAN 4003773079941
Pliers black atramentized
Head polished
Handles with multi-component grips, with integrated tether attachment point
for a tool tether
Weight 460 g
Dimensions 240 x 56 x 23 mm
Standard DIN ISO 5746 ASME B107.20
Reach no
RohS no




Similar Part No. - 0902240T

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0902247 PHOENIX-0902247 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 16A
04.10.2012
More results


Similar Description - 0902240T

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
780-555 GLENAIR-780-555 Datasheet
232Kb / 1P
Protective Rubber Covers with Tether Rope
logo
Mallory performance clu...
2367801 MALLORY-2367801 Datasheet
23Kb / 2P
TROUBLESHOOTING GUIDE FOR A POINT STYLE DISTRIBUTOR
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
CUI INC
HSS-B20-01 CUI-HSS-B20-01 Datasheet
319Kb / 3P
slide in style for easy component attachment
HSS-B20-07 CUI-HSS-B20-07 Datasheet
308Kb / 3P
slide in style for easy component attachment
logo
PHOENIX CONTACT
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0026 PHOENIX-SF-Z0026 Datasheet
44Kb / 2P
Crimping pliers with digital display
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com