Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS12 Datasheet (PDF) - First Components International

UFS12 Datasheet PDF - First Components International
Part # UFS12
Download  UFS12 Download
File Size   136.12 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1.0 Amp SMD SUPER FAST RECTIFIERS

UFS12 Datasheet (PDF)

Go To PDF Page Download Datasheet
UFS12 Datasheet PDF - First Components International

Part # UFS12
Download  UFS12 Click to download

File Size   136.12 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1.0 Amp SMD SUPER FAST RECTIFIERS

UFS12 Datasheet (HTML) - First Components International


UFS12 Product details

1.0 Amp SMD SUPER FAST RECTIFIERS



Features

HIGH SURGE CAPABILITY

LOW FORWARD VOLTAGE DROP

HIGH CURRENT CAPABILITY

MEETS UL SPECIFICATION 94V-0




Similar Part No. - UFS12

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UFS1200 GULFSEMI-UFS1200 Datasheet
139Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
logo
Microsemi Corporation
UFS120G MICROSEMI-UFS120G Datasheet
94Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFS120J MICROSEMI-UFS120J Datasheet
94Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFS120J MICROSEMI-UFS120J Datasheet
98Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Kingston Technology Far...
UFS128-TX17 KINGSTON-UFS128-TX17 Datasheet
3Mb / 2P
High performance storage for mobile and embedded applications
More results


Similar Description - UFS12

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF11 FORMOSA-SF11 Datasheet
36Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF18 FORMOSA-SF18 Datasheet
64Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11S TSC-SF11S Datasheet
64Kb / 2P
1.0 AMP. Super Fast Rectifiers
SF11 TSC-SF11_1 Datasheet
257Kb / 2P
1.0 AMP. Super Fast Rectifiers
SFT11 TSC-SFT11_1 Datasheet
270Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Taiwan Memory Technolog...
SF11S_B08 TMT-SF11S_B08 Datasheet
44Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF11S GWSEMI-SF11S Datasheet
71Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES1A DGNJDZ-ES1A Datasheet
40Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF11 DGNJDZ-SF11 Datasheet
203Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
SF11 DYELEC-SF11 Datasheet
703Kb / 2P
1.0 AMP. Super Fast Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com