Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS12 Datasheet(PDF) 1 Page - First Components International

Part # UFS12
Description  1.0 Amp SMD SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

UFS12 Datasheet(HTML) 1 Page - First Components International

  UFS12 Datasheet HTML 1Page - First Components International UFS12 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
............................................. 1.0 ...............................................
............................................. 30 ...............................................
......................................... -65 to 150 ..........................................
............................................. 2.0 ...............................................
............................................. 50 ...............................................
............................................. 50 ...............................................
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
UFS11 . . . 16 Series
Average Forward Rectified Current...I
F(av)
T
A = 55°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage @ 1.0A...V
F
Maximum DC Reverse Current...I
R
T
A = 25°C
@ Rated DC Blocking Voltage
T
A =100°C
Typical Junction Capacitance...C
J (Note 2)
Maximum Reverse Recovery Time...t
RR (Note 1)
Page 10-4
UFS11
UFS12
UFS14
UFS16
100
200
400
600
70
140
280
420
100
200
400
600
Data Sheet
1.0 Amp SMD SUPER FAST
RECTIFIERS
Units
Volts
Volts
Volts
Amps
Amps
°C
Volts
µAmps
µAmps
pF
ns
n HIGH CURRENT CAPABILITY
n MEETS UL SPECIFICATION 94V-0
.95
.95
1.3
1.5
n HIGH SURGE CAPABILITY
n LOW FORWARD VOLTAGE DROP
< ................... 35 ................. > < .................. 50 ................... >
Electrical Characteristics
DO-214AC
(SMA)


Similar Part No. - UFS12

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UFS1200 GULFSEMI-UFS1200 Datasheet
139Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
logo
Microsemi Corporation
UFS120G MICROSEMI-UFS120G Datasheet
94Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFS120J MICROSEMI-UFS120J Datasheet
94Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFS120J MICROSEMI-UFS120J Datasheet
98Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Kingston Technology Far...
UFS128-TX17 KINGSTON-UFS128-TX17 Datasheet
3Mb / 2P
High performance storage for mobile and embedded applications
More results

Similar Description - UFS12

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF11 FORMOSA-SF11 Datasheet
36Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF18 FORMOSA-SF18 Datasheet
64Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11S TSC-SF11S Datasheet
64Kb / 2P
1.0 AMP. Super Fast Rectifiers
SF11 TSC-SF11_1 Datasheet
257Kb / 2P
1.0 AMP. Super Fast Rectifiers
SFT11 TSC-SFT11_1 Datasheet
270Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Taiwan Memory Technolog...
SF11S_B08 TMT-SF11S_B08 Datasheet
44Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF11S GWSEMI-SF11S Datasheet
71Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES1A DGNJDZ-ES1A Datasheet
40Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF11 DGNJDZ-SF11 Datasheet
203Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
SF11 DYELEC-SF11 Datasheet
703Kb / 2P
1.0 AMP. Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com