Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0914280 Datasheet (PDF) - PHOENIX CONTACT

0914280 Datasheet PDF - PHOENIX CONTACT
Part # 0914280
Download  0914280 Download
File Size   161.99 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 1 F1 200 2,5A

0914280 Datasheet (PDF)

Go To PDF Page Download Datasheet
0914280 Datasheet PDF - PHOENIX CONTACT

Part # 0914280
Download  0914280 Click to download

File Size   161.99 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 1 F1 200 2,5A

0914280 Datasheet (HTML) - PHOENIX CONTACT


0914280 Product details

Thermomagnetic circuit breaker, 1-pos., fast blow, 1 N/C contact, with universal foot for mounting on NS 32 or NS 35




Similar Part No. - 0914280

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09142060303 HARTING-09142060303 Datasheet
465Kb / 2P
Hinged frame HMC 6B f. 2 modules (A..B)
2021-10-01
09142060313 HARTING-09142060313 Datasheet
465Kb / 2P
Hinged frame HMC 6B f. 2 modules (a..b)
2021-10-01
09142083011 HARTING-09142083011 Datasheet
473Kb / 2P
Han Gigabit HMC insert male
09142083012 HARTING-09142083012 Datasheet
475Kb / 3P
Han Gigabit HMC insert male (shield-GND)
09142083016 HARTING-09142083016 Datasheet
465Kb / 2P
Han Megabit HMC insert male
2021-12-04
More results


Similar Description - 0914280

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914824 PHOENIX-0914824 Datasheet
90Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 2,5A
0914329 PHOENIX-0914329 Datasheet
101Kb / 7P
Thermomagnetic device circuit breaker - TMC 1 F1 200 6,0A
09/11/2020
0914073 PHOENIX-0914073 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 1,0A
04.10.2012
0914099 PHOENIX-0914099 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 2,0A
11.06.2012
0914141 PHOENIX-0914141 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 6,0A
11.06.2012
0914277 PHOENIX-0914277 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 2,0A
04.10.2012
0914316 PHOENIX-0914316 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 5,0A
11.06.2012
0914345 PHOENIX-0914345 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 10,0A
11.06.2012
0914361 PHOENIX-0914361 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 16,0A
11.06.2012
0914468 PHOENIX-0914468 Datasheet
120Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 2,5A
11.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com