Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0914361 Datasheet (PDF) - PHOENIX CONTACT

0914361 Datasheet PDF - PHOENIX CONTACT
Part # 0914361
Download  0914361 Download
File Size   153.13 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 1 F1 200 16,0A

0914361 Datasheet (PDF)

Go To PDF Page Download Datasheet
0914361 Datasheet PDF - PHOENIX CONTACT

Part # 0914361
Download  0914361 Click to download

File Size   153.13 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 1 F1 200 16,0A

0914361 Datasheet (HTML) - PHOENIX CONTACT


0914361 Product details

Thermomagnetic circuit breaker, 1-pos., fast blow, 1 N/C contact, with universal foot for mounting on NS 32 or NS 35




Similar Part No. - 0914361

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914303 PHOENIX-0914303 Datasheet
412Kb / 10P
TMC 1 F1 200 4,0A - Thermal-magnetic device circuit breaker
0914316 PHOENIX-0914316 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 5,0A
11.06.2012
0914329 PHOENIX-0914329 Datasheet
101Kb / 7P
Thermomagnetic device circuit breaker - TMC 1 F1 200 6,0A
09/11/2020
0914345 PHOENIX-0914345 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 10,0A
11.06.2012
0914374 PHOENIX-0914374 Datasheet
102Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 0,2A
09/11/2020
More results


Similar Description - 0914361

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914329 PHOENIX-0914329 Datasheet
101Kb / 7P
Thermomagnetic device circuit breaker - TMC 1 F1 200 6,0A
09/11/2020
0914073 PHOENIX-0914073 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 1,0A
04.10.2012
0914099 PHOENIX-0914099 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 2,0A
11.06.2012
0914141 PHOENIX-0914141 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 6,0A
11.06.2012
0914167 PHOENIX-0914167 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 10,0A
11.06.2012
0914277 PHOENIX-0914277 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 2,0A
04.10.2012
0914280 PHOENIX-0914280 Datasheet
161Kb / 9P
Thermomagnetic device circuit breaker - TMC 1 F1 200 2,5A
05/25/2016
0914316 PHOENIX-0914316 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 5,0A
11.06.2012
0914345 PHOENIX-0914345 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 10,0A
11.06.2012
0915674 PHOENIX-0915674 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 F1 300 16,0A
11.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com