Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0915467 Datasheet (PDF) - PHOENIX CONTACT

0915467 Datasheet PDF - PHOENIX CONTACT
Part # 0915467
Download  0915467 Download
File Size   61.79 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 2 M1 110 2,0A

0915467 Datasheet (PDF)

Go To PDF Page Download Datasheet
0915467 Datasheet PDF - PHOENIX CONTACT

Part # 0915467
Download  0915467 Click to download

File Size   61.79 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 2 M1 110 2,0A

0915467 Datasheet (HTML) - PHOENIX CONTACT


0915467 Product details

Thermomagnetic device circuit breaker, number of positions: 2, connection method: Screw connection, cross section: 0.2 mm²- 6 mm², AWG: 24 - 10, nominal current: 2 A, nom. voltage: 250 V, width: 25 mm, fuse type: Automatic device, mounting type: DIN rail: 35 mm, Color: black




Similar Part No. - 0915467

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0915438 PHOENIX-0915438 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 12,0A
11.06.2012
0915443 PHOENIX-0915443 Datasheet
194Kb / 6P
TMC 3 M1 122 20,0A - Thermal-magnetic device circuit breaker
0915444 PHOENIX-0915444 Datasheet
194Kb / 6P
TMC 3 M1 122 25,0A - Thermal-magnetic device circuit breaker
0915445 PHOENIX-0915445 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 3 M1 122 32,0A
2/3/14
0915446 PHOENIX-0915446 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 3 M1 122 0,1A
2/3/14
More results


Similar Description - 0915467

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0916123 PHOENIX-0916123 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 2,0A
0914947 PHOENIX-0914947 Datasheet
103Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 0,5A
09/11/2020
0915085 PHOENIX-0915085 Datasheet
103Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 16,0A
09/11/2020
0914455 PHOENIX-0914455 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 2,0A
11.06.2012
0914633 PHOENIX-0914633 Datasheet
162Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 200 2,0A
04.10.2012
0914976 PHOENIX-0914976 Datasheet
128Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 1,0A
04.10.2012
0914992 PHOENIX-0914992 Datasheet
120Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 2,0A
11.06.2012
0915014 PHOENIX-0915014 Datasheet
120Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 3,0A
11.06.2012
0915056 PHOENIX-0915056 Datasheet
83Kb / 7P
Thermomagnetic device circuit breaker - TMC 2 M1 120 8,0A
11.06.2012
0915072 PHOENIX-0915072 Datasheet
83Kb / 7P
Thermomagnetic device circuit breaker - TMC 2 M1 120 12,0A
11.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com