Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24022 Datasheet (PDF) - Summit Microelectronics, Inc.

S24022 Datasheet PDF - Summit Microelectronics, Inc.
Part # S24022
Download  S24022 Download
File Size   82.4 Kbytes
Page   14 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs

S24022 Datasheet (PDF)

Go To PDF Page Download Datasheet
S24022 Datasheet PDF - Summit Microelectronics, Inc.

Part # S24022
Download  S24022 Click to download

File Size   82.4 Kbytes
Page   14 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs

S24022 Datasheet (HTML) - Summit Microelectronics, Inc.


S24022 Product details

OVERVIEW
The S24022 and S24023 are power supervisory devices with 2,048 bits of serial E2PROM. They are fabricated using SUMMITs advanced CMOS E2PROM technology and are suitable for both 3 and 5 volt systems.

FEATURES
• Precision Supply Voltage Monitor
    — Dual reset outputs for complex microcontroller systems
    — Integrated memory write lockout
• Guaranteed RESET (RESET) assertion to VCC=1V
• Power-Fail Accuracy Guaranteed
• No External Components
• 3 and 5 Volt system versions
• Low Power CMOS
    — Active current less than 3mA
    — Standby current less than 25µA
• Memory Internally Organized 256 X 8
    — Two Wire Serial Interface (I2C™)
        – Bidirectional data transfer protocol
        – Standard 100KHz and Fast 400KHz
• High Reliability
    — Endurance: 1,000,000 erase/write cycles
    — Data retention: 100 years
• 8-Pin PDIP or SOIC Packages




Similar Part No. - S24022

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022S2.7 SUMMIT-S24022S2.7 Datasheet
157Kb / 14P
Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
S24022S2.7T SUMMIT-S24022S2.7T Datasheet
157Kb / 14P
Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
S24022SA SUMMIT-S24022SA Datasheet
157Kb / 14P
Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
S24022SAT SUMMIT-S24022SAT Datasheet
157Kb / 14P
Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
S24022SB SUMMIT-S24022SB Datasheet
157Kb / 14P
Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
More results


Similar Description - S24022

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453 Datasheet
189Kb / 10P
uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
logo
List of Unclassifed Man...
S93662 ETC-S93662 Datasheet
76Kb / 14P
Voltage Monitor and Reset Controller
logo
Summit Microelectronics...
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
S24163 SUMMIT-S24163 Datasheet
166Kb / 12P
Precision RESET Controller with 16K I2C Memory
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
Reset Circuit with Manual Reset and Watchdog
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
Reset Timer with Fixed Delay and Reset Pulse
logo
Maxim Integrated Produc...
MAX6456UT16S-T MAXIM-MAX6456UT16S-T Datasheet
255Kb / 11P
Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com