Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM105 Datasheet (PDF) - Summit Microelectronics, Inc.

SMM105 Datasheet PDF - Summit Microelectronics, Inc.
Part # SMM105
Download  SMM105 Download
File Size   379.82 Kbytes
Page   21 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Single-Channel Supply Voltage Marginer and Active DC Output Controller

SMM105 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMM105 Datasheet PDF - Summit Microelectronics, Inc.

Part # SMM105
Download  SMM105 Click to download

File Size   379.82 Kbytes
Page   21 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Single-Channel Supply Voltage Marginer and Active DC Output Controller

SMM105 Datasheet (HTML) - Summit Microelectronics, Inc.


SMM105 Product details

INTRODUCTION
The SMM105 actively controls the output voltage level of a DC/DC converter that uses a Trim or VADJ/FB pin to adjust the output. An Active DC Output Control (ADOCTM) feature is used during normal operation to maintain extremely accurate settings of supply voltages and, during system test, to control margining of the supplies using I2C commands. Total accuracy with a ±0.1% external reference is ±0.2%, and ±0.5% using the internal reference. The device can margin supplies with either positive or negative trim pin control within a range of 0.3V to VDD. The SMM105 supply can be from 12V, 8V, 5V or 3.3V to as low as 2.7V to accommodate any intermediate bus supply.

FEATURES & APPLICATIONS
• Extremely accurate (±0.1%) Active DC Output Control (ADOCTM)
• ADOC Automatically adjusts supply output voltage level under all DC load conditions
• Capable of margining supplies with trim inputs using either positive or negative trim pin control
• Wide Margin/ADOC range from 0.3V to VDD
• Uses either an internal or external VREF
• Operates from any intermediate bus supply from 8V to 15V and from 2.7V to 5.5V
• Programmable START and READY pins
• Two programmable general purpose monitor sensors – UV and OV with FAULT Output Flag
• General Purpose 1k EEPROM with Write Protect
• I2C 2-wire serial bus for programming configuration and monitoring status.
• 28 pad QFN or 25 ball Ultra CSPTM (Chip-Scale) package

Applications
• In-system test and control of Point-of-Load (POL) Power Supplies for Multi-voltage Processors, DSPs and ASICs
• Enterprise and edge routers, servers, Storage Area Networks




Similar Part No. - SMM105

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMM12 CUI-SMM12 Datasheet
474Kb / 4P
DC-DC CONVERTER
07/20/2021
logo
Summit Microelectronics...
SMM150 SUMMIT-SMM150 Datasheet
382Kb / 22P
Single-Channel Supply Voltage Marginer/Monitor
SMM150ECR00 SUMMIT-SMM150ECR00 Datasheet
382Kb / 22P
Single-Channel Supply Voltage Marginer/Monitor
SMM150ECR01 SUMMIT-SMM150ECR01 Datasheet
382Kb / 22P
Single-Channel Supply Voltage Marginer/Monitor
SMM150ECR02 SUMMIT-SMM150ECR02 Datasheet
382Kb / 22P
Single-Channel Supply Voltage Marginer/Monitor
More results


Similar Description - SMM105

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM205 SUMMIT-SMM205 Datasheet
901Kb / 20P
Dual Channel Supply Voltage Marginer and Active DC Output Controller
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM605 SUMMIT-SMM605_11 Datasheet
366Kb / 24P
Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com