Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM150 Datasheet (PDF) - Summit Microelectronics, Inc.

SMM150 Datasheet PDF - Summit Microelectronics, Inc.
Part # SMM150
Download  SMM150 Download
File Size   382.71 Kbytes
Page   22 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Single-Channel Supply Voltage Marginer/Monitor

SMM150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMM150 Datasheet PDF - Summit Microelectronics, Inc.

Part # SMM150
Download  SMM150 Click to download

File Size   382.71 Kbytes
Page   22 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Single-Channel Supply Voltage Marginer/Monitor

SMM150 Datasheet (HTML) - Summit Microelectronics, Inc.


SMM150 Product details

INTRODUCTION
The SMM150 is a highly accurate power supply voltage supervisor and environmental monitor with provisions for voltage margining of the monitored supply. The part includes an internal voltage reference to accurately monitor and margin the supply to within ±1%.

FEATURES
• Capable of margining supplies with trim inputs using either positive or negative trim pin control
• Wide Margin range from 0.3V to VDD using internal reference
• 10-bit ADC readout of supply voltage over I2C bus
• Margining Controlled Via:
    ◾ I2C Command
    ◾ Input Pins (MUP, MDN)
• Two programmable general purpose sensor inputs (COMP1/2) – UV/OV with FAULT Output
• Programmable glitch filter (COMP1/2)
• Programmable internal VREF, 0.5V or 1.25V
• Operates from 2.7V to 5.5V supply
• General Purpose 256-Byte EEPROM with Write Protect
• I2C 2-wire serial bus for programming configuration and monitoring status
• 28 lead QFN
• 20 ball Ultra CSPTM (Chip-Scale) package

Applications
• In-system test and control of Point-of-Load (POL) Power Supplies for Multi-voltage Processors, DSPs and ASICs
• Routers, Servers, Storage Area Networks




Similar Part No. - SMM150

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM151 SUMMIT-SMM151 Datasheet
397Kb / 23P
Single-channel Voltage/Current Monitors and Voltage Marginers
SMM151 SUMMIT-SMM151_10 Datasheet
288Kb / 24P
Single-channel Voltage/Current Monitors and Voltage Marginers
SMM152 SUMMIT-SMM152 Datasheet
397Kb / 23P
Single-channel Voltage/Current Monitors and Voltage Marginers
SMM152 SUMMIT-SMM152 Datasheet
288Kb / 24P
Single-channel Voltage/Current Monitors and Voltage Marginers
SMM153 SUMMIT-SMM153 Datasheet
330Kb / 17P
10-bit Digital Differential Voltage and Current Monitor
More results


Similar Description - SMM150

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Summit Microelectronics...
SMM205 SUMMIT-SMM205 Datasheet
901Kb / 20P
Dual Channel Supply Voltage Marginer and Active DC Output Controller
SMM105 SUMMIT-SMM105 Datasheet
379Kb / 21P
Single-Channel Supply Voltage Marginer and Active DC Output Controller
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
SUPPLY VOLTAGE MONITOR
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
SUPPLY VOLTAGE MONITOR
JULY 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com