Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM151 Datasheet (PDF) - Summit Microelectronics, Inc.

SMM151 Datasheet PDF - Summit Microelectronics, Inc.
Part # SMM151
Download  SMM151 Download
File Size   397.6 Kbytes
Page   23 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Single-channel Voltage/Current Monitors and Voltage Marginers

SMM151 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMM151 Datasheet PDF - Summit Microelectronics, Inc.

Part # SMM151
Download  SMM151 Click to download

File Size   397.6 Kbytes
Page   23 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Single-channel Voltage/Current Monitors and Voltage Marginers

SMM151 Datasheet (HTML) - Summit Microelectronics, Inc.


SMM151 Product details

INTRODUCTION
The SMM151/152 are highly accurate power supply voltage/current supervisors and monitors with provisions for voltage margining of the monitored supply. The parts include an internal voltage reference to accurately monitor and margin the supply to within ±1%. The SMM151/152 have the capability to margin over a wide range from 0.3V to VDD using the internal reference and can read the differential voltage of the supply and voltage drop of the current sense resistor over the I2C bus using an on-chip 10-bit ADC. The margin levels are set using the I2C serial bus. The devices initiate margining via the I2C bus or by using the MUP or MDN inputs. Once the preprogrammed margin target voltage is reached, the SMM151/152 hold the converter at this voltage until receiving an I2C command or de-asserting the margin input pin. When the SMM151/152 are not margining, the TRIM output pin is held in a high impedance state allowing the converter to operate at its nominal set point.

FEATURES & APPLICATIONS
• Capable of margining supplies with trim inputs using either positive or negative trim pin control
• Wide Margin range of 0.3V to VDD with internal reference
• Differential Voltage Sensing of the DC-DC converter output voltage
• Supply-side current monitoring (10-bit ADC)
• 10-bit ADC readout of supply voltage over I2C bus
• Margining Controlled Via:
    ◾ I2C Command
    ◾ Input Pins (MUP, MDN)
• Two programmable general purpose sensor inputs (COMP1/2) – UV/OV with FAULT Output
• Programmable glitch filters (COMP1/2)
• Programmable internal COMP1/2 VREF: 0.5V or 1.25V
• Operates from 2.7V to 5.5V supply
• Current sensing from 4.0V to 15V supply
• Programmable, general purpose I/Os (SMM152)
• General Purpose 256-Byte EEPROM with Write Protect
• I2C 2-wire serial bus for programming configuration and monitoring status
• 28-lead 5x5 QFN

Applications
• In-system test and control of Point-of-Load (POL)
• Power Supplies for Multi-voltage Processors, DSPs and ASICs
• Routers, Servers, Storage Area Networks




Similar Part No. - SMM151

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM151 SUMMIT-SMM151_10 Datasheet
288Kb / 24P
Single-channel Voltage/Current Monitors and Voltage Marginers
More results


Similar Description - SMM151

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457 Datasheet
270Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
logo
Diodes Incorporated
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
logo
Maxim Integrated Produc...
MAX6457_V5 MAXIM-MAX6457_V5 Datasheet
158Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
logo
Texas Instruments
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
logo
Summit Microelectronics...
SMM151 SUMMIT-SMM151_10 Datasheet
288Kb / 24P
Single-channel Voltage/Current Monitors and Voltage Marginers
logo
Maxim Integrated Produc...
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
logo
Diodes Incorporated
ZXCT1087E5TA DIODES-ZXCT1087E5TA Datasheet
306Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
logo
Analog Devices
AD5753 AD-AD5753 Datasheet
2Mb / 72P
Single-Channel, 16-Bit Current and Voltage DAC
5/2019-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com