Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1087E5TA Datasheet (PDF) - Diodes Incorporated

ZXCT1087E5TA Datasheet PDF - Diodes Incorporated
Part # ZXCT1087E5TA
Download  ZXCT1087E5TA Download
File Size   306.11 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS

ZXCT1087E5TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXCT1087E5TA Datasheet PDF - Diodes Incorporated

Part # ZXCT1087E5TA
Download  ZXCT1087E5TA Click to download

File Size   306.11 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS

ZXCT1087E5TA Datasheet (HTML) - Diodes Incorporated


ZXCT1087E5TA Product details

Description

The ZXCT1082 and ZXCT1083 are high side unipolar current sense monitors. These devices eliminate the need to disrupt the ground plane when sensing a load current.

The ZXCT1082/1084/1086 have 60V maximum operating voltage and ZXCT1083/1085/1087 have 40V maximum operating voltage.



Features

• Wide supply and common-mode voltage range

  o 2.7V to 60V  ZXCT1082/84/86

  o 2.7V to 40V  ZXCT1083/85/87

• Independent supply and input common-mode voltage

• Low quiescent current (0.6µA).

• Extended industrial temperate range -40 to 125°C

• Package SOT25



Applications

• Automotive current measurement

• Industrial applications current measurement

•Battery management

• Over current monitor

•Power Management

•Current sources




Similar Part No. - ZXCT1087E5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1087 DIODES-ZXCT1087 Datasheet
309Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
ZXCT1087 DIODES-ZXCT1087 Datasheet
307Kb / 14P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
ZXCT1087Q DIODES-ZXCT1087Q Datasheet
500Kb / 13P
AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
ZXCT1087QE5TA DIODES-ZXCT1087QE5TA Datasheet
500Kb / 13P
AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
More results


Similar Description - ZXCT1087E5TA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
620Kb / 32P
High-Side Power and Current Monitors
Rev 0; 6/04
MAX4004 MAXIM-MAX4004 Datasheet
241Kb / 10P
High-Accuracy, High-Side Current Monitors in SOT23
Rev 1; 5/03
logo
Diodes Incorporated
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
ZXCT1107 DIODES-ZXCT1107 Datasheet
374Kb / 17P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 1
ZXCT1107_1107 DIODES-ZXCT1107_1107 Datasheet
341Kb / 16P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 3
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210_05 Datasheet
676Kb / 32P
High-Side Power and Current Monitors
Rev 1; 5/05
logo
Diodes Incorporated
ZXCT11 DIODES-ZXCT11 Datasheet
263Kb / 2P
Low power high side current monitors
MARCH 2011
ZXCT1084E5TA DIODES-ZXCT1084E5TA Datasheet
307Kb / 14P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004_V01 Datasheet
1Mb / 11P
High-Accuracy, High-Side Current Monitors in SOT23
2015
logo
Diodes Incorporated
ZXCT1082Q DIODES-ZXCT1082Q Datasheet
500Kb / 13P
AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com