Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4004 Datasheet (PDF) - Maxim Integrated Products

MAX4004 Datasheet PDF - Maxim Integrated Products
Part # MAX4004
Download  MAX4004 Download
File Size   241.6 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Accuracy, High-Side Current Monitors in SOT23

MAX4004 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4004 Datasheet PDF - Maxim Integrated Products

Part # MAX4004
Download  MAX4004 Click to download

File Size   241.6 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Accuracy, High-Side Current Monitors in SOT23

MAX4004 Datasheet (HTML) - Maxim Integrated Products


MAX4004 Product details

General Description
The MAX4004/MAX4006 precision, high-side, current monitors are specifically designed for monitoring photodiode current in fiber applications. They offer a connection point for the reference current and a monitor output that produces a signal proportional to the reference current.

Features
● Wide Reference Current Dynamic Range
   • Guaranteed 250nA to 2.5mA with 5% Accuracy
   • Extended 10nA to 10mA with 10% Monitor
      Accuracy
● Current (MAX4004) or Voltage (MAX4006) Monitor
   Output
● Reference Current-Limit Protection (20mA, typ)
● Voltage Clamp Protects Subsequent Output Circuitry
● +2.7V to +22V Wide Voltage Range Operation
● 6-Pin SOT23 Packages

Applications
● Photodiode Current-Monitoring Systems
● Portable Instrumentation
● Medical Instrumentation
● Laboratory Instrumentation
● Consumer Electronics
● Current-to-Voltage Conversion
● Level Translation




Similar Part No. - MAX4004

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004 Datasheet
1Mb / 11P
High-Accuracy, High-Side Current Monitors in SOT23
2015
MAX4004EUT MAXIM-MAX4004EUT Datasheet
92Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX4004EUT+T MAXIM-MAX4004EUT+T Datasheet
1Mb / 11P
High-Accuracy, High-Side Current Monitors in SOT23
2015
MAX4004EUT-T MAXIM-MAX4004EUT-T Datasheet
1Mb / 11P
High-Accuracy, High-Side Current Monitors in SOT23
2015
MAX4004 MAXIM-MAX4004_V01 Datasheet
1Mb / 11P
High-Accuracy, High-Side Current Monitors in SOT23
2015
More results


Similar Description - MAX4004

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
620Kb / 32P
High-Side Power and Current Monitors
Rev 0; 6/04
MAX4008 MAXIM-MAX4008 Datasheet
302Kb / 9P
High-Accuracy, 76V, High-Side Current Monitors in SOT23
Rev 1; 5/03
logo
Diodes Incorporated
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
ZXCT1107 DIODES-ZXCT1107 Datasheet
374Kb / 17P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 1
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210_05 Datasheet
676Kb / 32P
High-Side Power and Current Monitors
Rev 1; 5/05
logo
Diodes Incorporated
ZXCT1087E5TA DIODES-ZXCT1087E5TA Datasheet
306Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
ZXCT11 DIODES-ZXCT11 Datasheet
263Kb / 2P
Low power high side current monitors
MARCH 2011
ZXCT1084E5TA DIODES-ZXCT1084E5TA Datasheet
307Kb / 14P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004_V01 Datasheet
1Mb / 11P
High-Accuracy, High-Side Current Monitors in SOT23
2015
MAX4007 MAXIM-MAX4007 Datasheet
236Kb / 10P
High-Accuracy, 76V, High-Side Current Monitors in SOT23
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com