Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4210 Datasheet (PDF) - Maxim Integrated Products

MAX4210 Datasheet PDF - Maxim Integrated Products
Part # MAX4210
Download  MAX4210 Download
File Size   620.06 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Side Power and Current Monitors

MAX4210 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4210 Datasheet PDF - Maxim Integrated Products

Part # MAX4210
Download  MAX4210 Click to download

File Size   620.06 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Side Power and Current Monitors

MAX4210 Datasheet (HTML) - Maxim Integrated Products


MAX4210 Product details

General Description
The MAX4210/MAX4211 low-cost, low-power, high-side power/current monitors provide an analog output voltage proportional to the power consumed by a load by multiplying load current and source voltage. The MAX4210/MAX4211 measure load current by using a high-side current-sense amplifier, making them especially useful in battery-powered systems by not interfering with the ground path of the load.

Features
♦ Real-Time Current and Power Monitoring
♦ ±1.5% (max) Current-Sense Accuracy
♦ ±1.5% (max) Power-Sense Accuracy
♦ Two Uncommitted Comparators (MAX4211)
♦ 1.21V Reference Output (MAX4211)
♦ Three Current/Power Gain Options
♦ 100mV/150mV Current-Sense Full-Scale Voltage
♦ +4V to +28V Input Source Voltage Range
♦ +2.7V to +5.5V Power-Supply Voltage Range
♦ Low Supply Current: 380µA (MAX4210)
♦ 220kHz Bandwidth
♦ Small 6-Pin TDFN and 8-Pin µMAX Packages (MAX4210)

Applications
    Overpower Circuit Breakers
    Smart Battery Packs/Chargers
    Smart Peripheral Control
    Short-Circuit Protection
    Power-Supply Displays
    Measurement Instrumentation
    Baseband Analog Multipliers
    VGA Circuits
    Power-Level Detectors




Similar Part No. - MAX4210

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
676Kb / 32P
High-Side Power and Current Monitors
Rev 1; 5/05
logo
Analog Devices
MAX4210 AD-MAX4210 Datasheet
675Kb / 32P
High-Side Power and Current Monitors
Rev 1 5/05
logo
Maxim Integrated Produc...
MAX4210A MAXIM-MAX4210A Datasheet
309Kb / 4P
MAX4210E Evaluation Kit
Rev 0; 7/04
MAX4210AETT-T MAXIM-MAX4210AETT-T Datasheet
676Kb / 32P
High-Side Power and Current Monitors
Rev 1; 5/05
logo
Analog Devices
MAX4210AETT-T AD-MAX4210AETT-T Datasheet
675Kb / 32P
High-Side Power and Current Monitors
Rev 1 5/05
More results


Similar Description - MAX4210

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004 Datasheet
241Kb / 10P
High-Accuracy, High-Side Current Monitors in SOT23
Rev 1; 5/03
logo
Diodes Incorporated
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
ZXCT1107 DIODES-ZXCT1107 Datasheet
374Kb / 17P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 1
ZXCT1107_1107 DIODES-ZXCT1107_1107 Datasheet
341Kb / 16P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 3
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210_05 Datasheet
676Kb / 32P
High-Side Power and Current Monitors
Rev 1; 5/05
logo
Diodes Incorporated
ZXCT1087E5TA DIODES-ZXCT1087E5TA Datasheet
306Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
ZXCT11 DIODES-ZXCT11 Datasheet
263Kb / 2P
Low power high side current monitors
MARCH 2011
ZXCT1084E5TA DIODES-ZXCT1084E5TA Datasheet
307Kb / 14P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004_V01 Datasheet
1Mb / 11P
High-Accuracy, High-Side Current Monitors in SOT23
2015
logo
Diodes Incorporated
ZXCT1082Q DIODES-ZXCT1082Q Datasheet
500Kb / 13P
AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com