Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM151 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMM151
Description  Single-channel Voltage/Current Monitors and Voltage Marginers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM151 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMM151 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SMM151/152
Preliminary Datasheet
Summit Microelectronics, Inc
2131 2.1 8/15/2008
7
DC OPERATING CHARACTERISTICS (CONTINUED)
TA= 0°C to +70°C, VDD = 2.7V to 5.5V unless otherwise noted. All voltages are relative to GND.
Symbol
Parameter
Notes
Min.
Typ.
Max
Unit
VDD = 2.7V
-3.0
+3.0
µA
IAIT
Address Input Tristate
Maximum Leakage – High Z
VDD = 5.0V
-3.0
+3.0
OV/UV
Monitor Voltage Range
COMP1 and COMP2 pins
0
VDD
V
VHYST
COMP1/2 DC Hysteresis
COMP1 and COMP2 pins,
VTH-VTL
(see Note 1)
10
mV
RPull-Up
Input Pull-Up Resistors
See Pin Descriptions
50
k
Ω
VREF=1.25V
1.24
1.25
1.26
VREF
Internal COMP1/2 Reference
VREF=0.5V
0.495
0.500
0.505
V
VM+ - VM- = 1.2V Note 4
-1.0
±0.75
+1.0
%
MARGACC
Margin Accuracy
VM+ - VM- = 2.5V, Note 4
-1.0
±0.75
+1.0
%
VMADC
Voltage Monitor ADC
Measure Range
VM+ - VM-
0
VDD
V
RVM
VM+, VM- Input Resistance
50
k
Ω
CMRRVM
Voltage Sense Common
Mode Rejection Ratio
VCM (VM+, VM-) = 0.5V – VDD, Note 5
62
dB
CSADC
Current Monitor ADC
Measure Range
CS+ - CS-
0
100
mV
CSADC ≥ 50mV, Note 2
-2
+2
%
CSACC
Current Sense Accuracy
CSADC < 50mV, Note 2
-1
+1
mV
VCM (CS+, CS-) = 5.0V, Note 5
100
CMRRCS
Current Sense Common
Mode Rejection Ratio
VCM (CS+, CS-) = 12V, Note 5
80
dB
Note 1:
VHYST is measured with a 1.25V external voltage and is determined by subtracting Threshold Low from Threshold High, VTH-VTL while
monitoring the FAULT# pin state. Actual DC Hysteresis is derived from the equation: (VIN(COMP1/2)/VREF)(VHYST). For example, if VIN(COMP1/2)/=2.5V
and VREF=1.25V then Actual DC Hysteresis= (2.5V/1.25V)(0.003V)=6mV.
Note 2: Accuracy at the low range of the current monitor ADC will be adversely impacted by offset errors.
Note 3: It is recommended that ADC reads occur with a frequency of not more than 250Hz.
Note 4: Voltage accuracy is only guaranteed for factory-programmed settings. Changing voltage from the value reflected in the customer specific
CSIR code may result in inaccuracies exceeding those specified above.
Note 5: Guaranteed by Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com