Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM151 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMM151
Description  Single-channel Voltage/Current Monitors and Voltage Marginers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM151 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMM151 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SMM151/152
Preliminary Datasheet
© SUMMIT Microelectronics, Inc. 2007 • 757 N. Mary Avenue • Sunnyvale CA 94085 • Phone 408 523-1000 • FAX 408 523-1266
http://www.summitmicro.com/
2131 2.1 8/15/2008
1
Single-channel Voltage/Current Monitors and Voltage Marginers
INTRODUCTION
• Capable of margining supplies with trim inputs using
either positive or negative trim pin control
• Wide Margin range of 0.3V to VDD with internal
reference
• Differential Voltage Sensing of the DC-DC converter
output voltage
• Supply-side current monitoring (10-bit ADC)
• 10-bit ADC readout of supply voltage over I2C bus
• Margining Controlled Via:
I
2C Command
Input Pins (MUP, MDN)
• Two programmable general purpose sensor inputs
(COMP1/2) – UV/OV with FAULT Output
• Programmable glitch filters (COMP1/2)
• Programmable internal COMP1/2 VREF: 0.5V or 1.25V
• Operates from 2.7V to 5.5V supply
• Current sensing from 4.0V to 15V supply
• Programmable, general purpose I/Os (SMM152)
• General Purpose 256-Byte EEPROM with Write Protect
• I2C 2-wire serial bus for programming configuration and
monitoring status
• 28-lead 5x5 QFN
Applications
•
In-system test and control of Point-of-Load (POL)
•
Power Supplies for Multi-voltage Processors, DSPs
and ASICs
•
Routers, Servers, Storage Area Networks
The
SMM151/152
are
highly
accurate
power
supply
voltage/current supervisors and monitors with provisions for
voltage margining of the monitored supply. The parts include
an internal voltage reference to accurately monitor and margin
the supply to within ±1%. The SMM151/152 have the capability
to margin over a wide range from 0.3V to VDD using the
internal reference and can read the differential voltage of the
supply and voltage drop of the current sense resistor over the
I
2C bus using an on-chip 10-bit ADC. The margin levels are set
using the I
2C serial bus. The devices initiate margining via the
I
2C bus or by using the MUP or MDN inputs. Once the pre-
programmed
margin
target
voltage
is
reached,
the
SMM151/152 hold the converter at this voltage until receiving
an I
2C command or de-asserting the margin input pin. When
the SMM151/152 are not margining, the TRIM output pin is
held in a high impedance state allowing the converter to
operate at its nominal set point.
Two general purpose input pins are provided for sensing under
or over-voltage conditions. A programmable glitch filter
associated with these inputs allows the user to ignore spurious
noise signals. A FAULT# pin is asserted once either input set
point is exceeded. The SMM152 also provides four
programmable general-purpose inputs/outputs.
Using the I
2C interface, a host system can communicate with
the SMM151/152 status register and utilize 256-bytes of
nonvolatile memory.
TYPICAL APPLICATION
FEATURES & APPLICATIONS
VM+
TRIM
TRIM
VOUT+
SEN+
DC-DC Converter
VDD
WP
A0-A2
COMP1
COMP2
SCL
SDA
FAULT#
CAPM+
MUP
MDN
I2C
Interface
Margin
Commands
V1
2.7V-5.5V
SMM151
(SMM152)
READY
GND
VDD_CAP
Status
Outputs
VOUT-
SEN-
VM-
4.0V-15V
VIN
CS-
CS+
R
S
VREF
CAPM-
CAPC
(GPIO0)
(GPIO1)
(GPIO2)
(GPIO3)
Figure 1 – Application with the SMM151/152 used to Monitor and Margin a DC/DC Converter.
Note: This is an applications example only. Some components and values are not shown.


Similar Part No. - SMM151

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM151 SUMMIT-SMM151_10 Datasheet
288Kb / 24P
Single-channel Voltage/Current Monitors and Voltage Marginers
More results

Similar Description - SMM151

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457 Datasheet
270Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
logo
Diodes Incorporated
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
logo
Maxim Integrated Produc...
MAX6457_V5 MAXIM-MAX6457_V5 Datasheet
158Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
logo
Texas Instruments
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
logo
Summit Microelectronics...
SMM151 SUMMIT-SMM151_10 Datasheet
288Kb / 24P
Single-channel Voltage/Current Monitors and Voltage Marginers
logo
Maxim Integrated Produc...
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
logo
Diodes Incorporated
ZXCT1087E5TA DIODES-ZXCT1087E5TA Datasheet
306Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
logo
Analog Devices
AD5753 AD-AD5753 Datasheet
2Mb / 72P
Single-Channel, 16-Bit Current and Voltage DAC
5/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com