Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM151 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMM151
Description  Single-channel Voltage/Current Monitors and Voltage Marginers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM151 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMM151 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM151 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SMM151/152
Preliminary Datasheet
Summit Microelectronics, Inc
2131 2.1 8/15/2008
6
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Temperature Under Bias .................................-55°C to 125°C
Storage Temperature QFN ..............................-65°C to 150°C
Terminal Voltage with Respect to GND:
VDD Supply Voltage ..................................-0.3V to 6.0V
All Others ....................................... -0.3V to VDD + 0.7V
FAULT#…………………………….………. GND to 15.0V
CS+, CS-...………………………………… -0.3V to 16.0V
Output Short Circuit Current ........................................ 100mA
Reflow Solder Temperature (10 secs) .......….………....240°C
Junction Temperature.........................…….....………....150°C
ESD Rating per JEDEC……………………..…………....2000V
Latch-Up testing per JEDEC………..……...……….…
±100mA
Temperature Range (Industrial)..................... –40°C to +85°C
(Commercial) ..................... 0°C to +70°C
CS+, CS- ............................................................. 4.0V to 15V
VDD Supply Voltage ........................................... 2.7V to 5.5V
Inputs..................................................................GND to VDD
Package Thermal Resistance (
θJA)
28-Pad QFN (Thermal pad connected to PCB)………37.2
oC/W
28-Pad QFN (Thermal pad not connected to PCB).…66.5
oC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
RELIABILITY CHARACTERISTICS
Data Retention……………………………..……………100 Years
Endurance……………………….………………...100,000 Cycles
Note - The device is not guaranteed to function outside its operating rating.
Stresses listed under Absolute Maximum Ratings may cause permanent damage
to the device. These are stress ratings only and functional operation of the
device at these or any other conditions outside those listed in the operational
sections of the specification is not implied. Exposure to any absolute maximum
rating for extended periods may affect device performance and reliability.
Devices are ESD sensitive. Handling precautions are recommended.
DC OPERATING CHARACTERISTICS
TA= 0°C to +70°C, VDD = 2.7V to 5.5V unless otherwise noted. All voltages are relative to GND.
Symbol
Parameter
Notes
Min.
Typ.
Max
Unit
VDD
Supply Voltage
2.7
3.3
5.5
V
VM+ pin voltage range
-0.3
VDD
V
VMRange
Sense Voltage Common
Mode Range
VM- pin voltage range
-0.3
+0.5
V
CSRange
Current Sense Common Mode
Voltage Range
CS+, CS- pin voltage range
4.0
15
V
IDD
Supply Current from VDD
TRIM pin floating
3
mA
TRIM Sourcing Max Current
1.5
mA
ITRIM
TRIM output current through
100
Ω to 1.0V
TRIM Sinking Max Current
-1.5
mA
VTRIM
TRIM output voltage range
ITRIM ±1.5mA
GND
2.5
V
VADOC
Margin Range
Depends on Converter Trim range
0.3
VDD
V
VDD = 2.7V
0.9xVDD
VDD
VIH
Input High Voltage
SDA, SCL, WP, MUP, MDN
VDD = 5.0V
0.7xVDD
VDD
V
VDD = 2.7V
0.1xVDD
VIL
Input Low Voltage
SDA, SCL, WP, MUP, MDN
VDD = 5.0V
0.3xVDD
V
VOL
Open Drain Output FAULT#,
GPIOx, READY
ISINK = 1mA
0.2
V
VDD = 2.7V, Rpullup≤300kΩ
0.9xVDD
VDD
VAIH
Address Input High Voltage,
A2, A1, A0
VDD = 5.0V, Rpullup≤300kΩ
0.7xVDD
VDD
V
VDD = 2.7V, Rpulldown≤300kΩ
0.1xVDD
VAIL
Address Input Low Voltage,
A2, A1, A0
VDD = 5.0V, Rpulldown≤300kΩ
0.3xVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com