Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM150 Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMM150
Description  Single-Channel Supply Voltage Marginer/Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM150 Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMM150 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SMM150
Preliminary Information
Summit Microelectronics, Inc
2075 2.6 05/13/05
3
VM
Control
Logic
TRIM
10Bit
ADC
Digital
Comparator
8-bit DAC
I2C
Interface
Clock
Up/Dn
Halt
Margin
Target
OV/UV
OV/UV
Output
Control
VDD
WP
A0
A1
A2
COMP1
COMP2
SCL
SDA
FAULT#
EE
Configuration
Registers
& Memory
GND
Glitch
Filter
V
REF
SW1
SW2
MUX
CAPM
MUP
MDN
READY
VREF =
1.25V or 0.5V
50k
Ω
50k
Ω
VDD_CAP
VREF
Figure 2 – SMM150 Controller Internal Block Diagram.
PACKAGE AND PIN CONFIGURATION
1
28
21
20
19
18
17
16
15
22
23
24
25
26
27
2
3
4
5
6
7
14
13
SMM150
Pin 1
SCL
A2
NC
A1
READY
A0
GND
VDD
TRIM
COMP1
NC
NC
NC
NC
12
11
10
9
8
GND
or
NC
INTERNAL BLOCK DIAGRAM
28 Pad QFN
Top View
A1
A2
A4
A3
B1
B2
B4
B3
C1
C2
C4
C3
D1
D2
D4
D3
E1
E2
E4
E3
SCL
MDN VDD_CAP VDD
A2
SDA
TRIM
COMP1
A1
READY
MUP
NC
A0
WP
FAULT#
NC
GND
CAP_M COMP2
VM
Pin 1
20 Ball Ultra CSP
TM
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com