Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM150 Datasheet(PDF) 13 Page - Summit Microelectronics, Inc.

Part # SMM150
Description  Single-Channel Supply Voltage Marginer/Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM150 Datasheet(HTML) 13 Page - Summit Microelectronics, Inc.

Back Button SMM150 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM150 Datasheet HTML 17Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SMM150
Preliminary Information
Summit Microelectronics, Inc
2075 2.6 05/13/05
13
The end user can obtain the Summit SMX3200
programming
system
for
device
prototype
development. The SMX3200 system consists of a
programming Dongle, cable and Windows
TM
GUI
software. It can be ordered on the website or from a
local representative. The latest revisions of all
software and an application brief describing the
SMX3200
is
available
from
the
website
(www.summitmicro.com).
The SMX3200 programming Dongle/cable interfaces
directly between a PC’s parallel port and the target
application. The device is then configured on-screen
via an intuitive graphical user interface employing
drop-down menus.
The Windows GUI software will generate the data and
send it in I
2C serial bus format so that it can be directly
downloaded to the SMM150 via the programming
Dongle and cable.
An example of the connection
interface is shown in Figure 9.
When design prototyping is complete, the software
can generate a HEX data file that should be
transmitted to Summit for approval. Summit will then
assign a unique customer ID to the HEX code and
program production devices before the final electrical
test operations.
This will ensure proper device
operation in the end application.
Pin 9, 5V
Pin 7, 10V
Pin 5, Reserved
Pin 3, GND
Pin 1, GND
Pin 6, MR#
Pin 4, SDA
Pin 2, SCL
Pin 8, Reserved
Pin 10, Reserved
Top view of straight 0.1" x 0.1 closed-side
connector. SMX3200 interface cable connector.
9
7
5
3
1
10
8
6
4
2
SMM150
SDA
SCL
VDD
GND
0.1
µF
Common
Ground
WP
D1
C1
1N4148
Positive
Supply
Jumper
Figure 9– SMX3200 Programmer I
2C serial bus connections to program the SMM150. The SMM150 has a
Write Protect pin (WP input) which when, asserted, prevents writing to the configuration registers and EE
memory. In addition, there is a configuration register lock bit, which, once programmed, does not allow the
configuration registers to be changed.
DEVELOPMENT HARDWARE & SOFTWARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com