Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS3D0P04M8L Datasheet (PDF) - ON Semiconductor

NVMFS3D0P04M8L Datasheet PDF - ON Semiconductor
Part # NVMFS3D0P04M8L
Download  NVMFS3D0P04M8L Download
File Size   248.0 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single P-Channel -40 V, 2.7 m, -183 A

NVMFS3D0P04M8L Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS3D0P04M8L Datasheet PDF - ON Semiconductor

Part # NVMFS3D0P04M8L
Download  NVMFS3D0P04M8L Click to download

File Size   248.0 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single P-Channel -40 V, 2.7 m, -183 A

NVMFS3D0P04M8L Datasheet (HTML) - ON Semiconductor


NVMFS3D0P04M8L Product details

Features
• Low RDS(on) to Minimize Conduction Losses
• High Current Capability
• Avalanche Energy Specified
• NVMFWS3D0P04M8L − Wettable Flanks Product
• NVM Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - NVMFS3D0P04M8L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS3D6N10MCL ONSEMI-NVMFS3D6N10MCL Datasheet
162Kb / 6P
MOSFET - Power, Single N-Channel 100 V, 3.6 m, 132 A
April, 2020 ??Rev. 2
More results


Similar Description - NVMFS3D0P04M8L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS2D3P04M8L ONSEMI-NVMFS2D3P04M8L Datasheet
278Kb / 9P
MOSFET - Power, Single P-Channel -40 V, 2.2 m, -222 A
March, 2021-Rev. 6
NVTFS014P04M8L ONSEMI-NVTFS014P04M8L Datasheet
229Kb / 7P
MOSFET ??Power, Single, P-Channel -40 V, 13.8 m, -49 A
May, 2020 ??Rev. 4
NVTFS9D6P04M8L ONSEMI-NVTFS9D6P04M8L Datasheet
226Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -64 A
May, 2020 ??Rev. 4
NVTYS9D6P04M8L ONSEMI-NVTYS9D6P04M8L Datasheet
337Kb / 7P
MOSFET ??Power, Single P-Channel -40 V, 9.6 m, -71 A
April, 2021 ??Rev. 0
NVMFS014P04M8L ONSEMI-NVMFS014P04M8L Datasheet
223Kb / 7P
MOSFET ??Power, Single P-Channel-40 V, 13.8 m, -52.1 A
February, 2021 ??Rev.1
NVMFS025P04M8L ONSEMI-NVMFS025P04M8L Datasheet
199Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 23 m, -34.6 A
March, 2021-Rev. 1
NVTYS025P04M8L ONSEMI-NVTYS025P04M8L Datasheet
267Kb / 6P
MOSFET - Power, Single P-Channel -40 V, 25 m, -32 A
November, 2021-Rev. 0
NVTYS014P04M8L ONSEMI-NVTYS014P04M8L Datasheet
337Kb / 7P
MOSFET – Power, Single P-Channel −40 V, 13.5 m, −53 A
May, 2021 - Rev. P2
NVTFS052P04M8L ONSEMI-NVTFS052P04M8L Datasheet
218Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 69 m, -13.2 A
May, 2020 - Rev. 3
NVMFS9D6P04M8L ONSEMI-NVMFS9D6P04M8L Datasheet
136Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -77 A
June, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com