Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS025P04M8L Datasheet (PDF) - ON Semiconductor

NVMFS025P04M8L Datasheet PDF - ON Semiconductor
Part # NVMFS025P04M8L
Download  NVMFS025P04M8L Download
File Size   199.09 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single P-Channel -40 V, 23 m, -34.6 A

NVMFS025P04M8L Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS025P04M8L Datasheet PDF - ON Semiconductor

Part # NVMFS025P04M8L
Download  NVMFS025P04M8L Click to download

File Size   199.09 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single P-Channel -40 V, 23 m, -34.6 A

NVMFS025P04M8L Datasheet (HTML) - ON Semiconductor


NVMFS025P04M8L Product details

Features
• NVMFWS025P04M8L − Wettable Flanks Product
• Small Footprint for Compact Design 5 x 6 mm
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVMFS025P04M8L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS020N06C ONSEMI-NVMFS020N06C Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS020N06CT1G ONSEMI-NVMFS020N06CT1G Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS021N10MCL ONSEMI-NVMFS021N10MCL Datasheet
325Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A
December, 2021-Rev. 0
NVMFS021N10MCLT1G ONSEMI-NVMFS021N10MCLT1G Datasheet
325Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A
December, 2021-Rev. 0
NVMFS024N06C ONSEMI-NVMFS024N06C Datasheet
143Kb / 6P
MOSFET - Power, Single N-Channel, SO-8 FL 60 V, 22 m, 25 A
December, 2019 ??Rev. 1
More results


Similar Description - NVMFS025P04M8L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS2D3P04M8L ONSEMI-NVMFS2D3P04M8L Datasheet
278Kb / 9P
MOSFET - Power, Single P-Channel -40 V, 2.2 m, -222 A
March, 2021-Rev. 6
NVMFS3D0P04M8L ONSEMI-NVMFS3D0P04M8L Datasheet
248Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 2.7 m, -183 A
March, 2021-Rev. 5
NVTFS014P04M8L ONSEMI-NVTFS014P04M8L Datasheet
229Kb / 7P
MOSFET ??Power, Single, P-Channel -40 V, 13.8 m, -49 A
May, 2020 ??Rev. 4
NVTFS9D6P04M8L ONSEMI-NVTFS9D6P04M8L Datasheet
226Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -64 A
May, 2020 ??Rev. 4
NVTYS9D6P04M8L ONSEMI-NVTYS9D6P04M8L Datasheet
337Kb / 7P
MOSFET ??Power, Single P-Channel -40 V, 9.6 m, -71 A
April, 2021 ??Rev. 0
NVMFS014P04M8L ONSEMI-NVMFS014P04M8L Datasheet
223Kb / 7P
MOSFET ??Power, Single P-Channel-40 V, 13.8 m, -52.1 A
February, 2021 ??Rev.1
NVTYS025P04M8L ONSEMI-NVTYS025P04M8L Datasheet
267Kb / 6P
MOSFET - Power, Single P-Channel -40 V, 25 m, -32 A
November, 2021-Rev. 0
NVTYS014P04M8L ONSEMI-NVTYS014P04M8L Datasheet
337Kb / 7P
MOSFET – Power, Single P-Channel −40 V, 13.5 m, −53 A
May, 2021 - Rev. P2
NVTFS052P04M8L ONSEMI-NVTFS052P04M8L Datasheet
218Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 69 m, -13.2 A
May, 2020 - Rev. 3
NVMFS9D6P04M8L ONSEMI-NVMFS9D6P04M8L Datasheet
136Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -77 A
June, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com