Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS021N10MCL Datasheet (PDF) - ON Semiconductor

NVMFS021N10MCL Datasheet PDF - ON Semiconductor
Part # NVMFS021N10MCL
Download  NVMFS021N10MCL Download
File Size   325.98 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A

NVMFS021N10MCL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS021N10MCL Datasheet PDF - ON Semiconductor

Part # NVMFS021N10MCL
Download  NVMFS021N10MCL Click to download

File Size   325.98 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A

NVMFS021N10MCL Datasheet (HTML) - ON Semiconductor


NVMFS021N10MCL Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• NVMFWS021N10MCL − Wettable Flank Option for Enhanced
Optical Inspection
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NVMFS021N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS020N06C ONSEMI-NVMFS020N06C Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS020N06CT1G ONSEMI-NVMFS020N06CT1G Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS024N06C ONSEMI-NVMFS024N06C Datasheet
143Kb / 6P
MOSFET - Power, Single N-Channel, SO-8 FL 60 V, 22 m, 25 A
December, 2019 ??Rev. 1
NVMFS024N06CT1G ONSEMI-NVMFS024N06CT1G Datasheet
143Kb / 6P
MOSFET - Power, Single N-Channel, SO-8 FL 60 V, 22 m, 25 A
December, 2019 ??Rev. 1
NVMFS025P04M8L ONSEMI-NVMFS025P04M8L Datasheet
199Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 23 m, -34.6 A
March, 2021-Rev. 1
More results


Similar Description - NVMFS021N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD6415AN ONSEMI-NTD6415AN Datasheet
143Kb / 7P
N-Channel Power MOSFET 100 V, 23 A, 55 m廓
November, 2009 ??Rev. 0
NTD6415ANL ONSEMI-NTD6415ANL Datasheet
265Kb / 6P
N-Channel Power MOSFET 100 V, 23 A, 56 m廓, Logic Level
March, 2010 -- Rev. 0
logo
Fairchild Semiconductor
FDS86141 FAIRCHILD-FDS86141 Datasheet
239Kb / 7P
N-Channel PowerTrench짰 MOSFET 100 V, 7 A, 23 m?
logo
ON Semiconductor
NVD6415ANLT4G ONSEMI-NVD6415ANLT4G Datasheet
127Kb / 6P
N-Channel Power MOSFET 100 V, 23 A, 56 m Logic Level
October, 2011 ??Rev. 1
NTHL080N120SC1 ONSEMI-NTHL080N120SC1 Datasheet
374Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 4
NTHL080N120SC1A ONSEMI-NTHL080N120SC1A Datasheet
288Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 1
NTMFD6H846NL ONSEMI-NTMFD6H846NL Datasheet
140Kb / 6P
MOSFET - Power, Dual N-Channel 80 V, 15 m, 31 A
March, 2020 ??Rev. 0
NTMFS034N15MC ONSEMI-NTMFS034N15MC Datasheet
223Kb / 8P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 31 m, 31 A
May, 2020 ??Rev. 0
NVMYS021N10MCL ONSEMI-NVMYS021N10MCL Datasheet
324Kb / 6P
MOSFET – Power, Single N-Channel 100 V, 23 m, 31 A
June, 2022 - Rev. 0
NTD6415AN ONSEMI-NTD6415AN_V01 Datasheet
238Kb / 8P
MOSFET – Power, N-Channel 100 V, 23 A, 55 m
June, 2019 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com