Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS021N10MCL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMFS021N10MCL
Description  MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS021N10MCL Datasheet(HTML) 3 Page - ON Semiconductor

  NVMFS021N10MCL Datasheet HTML 1Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 2Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 3Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 4Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 5Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 6Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 7Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NVMFS021N10MCL
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
0,001
1000
10
30
50
70
90
0
5
10
15
20
25
01
34
0,5
1
1,5
2
2,5
−50 −25
0
25
50
75
100 125 150 175
10
15
20
25
30
35
40
45
50
55
1
3
579
0123
45
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
0
5
20
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
10
30
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 150°C
TJ = 25°C
TJ = −55°C
TJ = 25°C
ID = 7 A
VGS = 10 V
ID = 7 A
TJ = 125°C
TJ = 85°C
TJ = 150°C
VGS = 3.2 V to 10 V
7
TJ = 175°C
TJ = 25°C
13
15
15
25
59
20
VDS = 10 V
25
10
30
VGS = 2.8 V
VGS = 2.6 V
24
68
10
6
24
8
10
TJ = 25°C
VGS = 10 V
VGS = 4.5 V
0,01
0,1
1
10
100
20
40
60
80
100
2
30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com