Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS021N10MCL Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVMFS021N10MCL
Description  MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS021N10MCL Datasheet(HTML) 4 Page - ON Semiconductor

  NVMFS021N10MCL Datasheet HTML 1Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 2Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 3Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 4Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 5Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 6Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 7Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NVMFS021N10MCL
www.onsemi.com
4
TYPICAL CHARACTERISTICS (continued)
1
10
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
1
10
100
1000
10000
0
2040
6080
100
1
10
100
1
10
100
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source Voltage vs. Total
Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
6
0
0
2
4
6
8
10
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. IPEAK vs. Time in Avalanche
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TIME IN AVALANCHE (s)
1000
10
1
0,1
0,1
10
100
1000
10
VGS = 0 V
TJ = 25°C
f = 1 MHz
CISS
COSS
CRSS
VDS = 50 V
ID = 7 A
TJ = 25°C
QGS
QGD
VGS = 10 V
VDS = 50 V
ID = 7 A
td(off)
td(on)
tf
tr
Tj (initial) = 125°C
Tj (initial) = 25°C
0,0001
0,01
100
8
1
3
5
7
9
VGS = 0 V
1
100
0,1
214
10
412
RDS(on) Limit
Thermal Limit
Package Limit
10 ms
0.5
1 ms
10 ms
VGS ≤10 V
Single Pulse
TC = 25°C
1
0,001
TJ = 175°C
TJ = 150°C
TJ = 25°C
TJ = −55°C
TJ = 125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com