Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS021N10MCL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFS021N10MCL
Description  MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS021N10MCL Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFS021N10MCL Datasheet HTML 1Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 2Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 3Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 4Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 5Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 6Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 7Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2020
December, 2021 − Rev. 0
1
Publication Order Number:
NVMFS021N10MCL/D
MOSFET – Power, Single
N-Channel
100 V, 23 mW, 31 A
NVMFS021N10MCL
Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• NVMFWS021N10MCL − Wettable Flank Option for Enhanced
Optical Inspection
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
100
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJC
(Notes 1, 3)
Steady
State
TC = 25°C
ID
31
A
TC = 100°C
22
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
49
W
TC = 100°C
24
Continuous Drain
Current RqJA
(Notes 1, 2, 3)
Steady
State
TA = 25°C
ID
8.4
A
TA = 100°C
ID
5.9
Power Dissipation
RqJA (Notes 1, 2)
TA = 25°C
PD
3.6
W
TA = 100°C
1.8
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
159
A
Operating Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+175
°C
Source Current (Body Diode
IS
37
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 1.4 A)
EAS
179
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State
RqJC
3.1
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
42
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
MARKING
DIAGRAM
XXXXXX
AYWZZ
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,6)
S
S
S
G
D
D
D
D
1
See detailed ordering, marking and shipping information on
page 5 of this data sheet.
ORDERING INFORMATION
V(BR)DSS
RDS(ON) MAX
ID MAX
100 V
23 mW @ 10 V
31 A
33 mW @ 4.5 V
DFN5
CASE 488AA
STYLE 1
XXXXXX = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
DFNW5
(For WF Version)
CASE 507BA
XXXXXX
AYWZZ
S
S
S
G
D
D
D
D


Similar Part No. - NVMFS021N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS020N06C ONSEMI-NVMFS020N06C Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS020N06CT1G ONSEMI-NVMFS020N06CT1G Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS024N06C ONSEMI-NVMFS024N06C Datasheet
143Kb / 6P
MOSFET - Power, Single N-Channel, SO-8 FL 60 V, 22 m, 25 A
December, 2019 ??Rev. 1
NVMFS024N06CT1G ONSEMI-NVMFS024N06CT1G Datasheet
143Kb / 6P
MOSFET - Power, Single N-Channel, SO-8 FL 60 V, 22 m, 25 A
December, 2019 ??Rev. 1
NVMFS025P04M8L ONSEMI-NVMFS025P04M8L Datasheet
199Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 23 m, -34.6 A
March, 2021-Rev. 1
More results

Similar Description - NVMFS021N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD6415AN ONSEMI-NTD6415AN Datasheet
143Kb / 7P
N-Channel Power MOSFET 100 V, 23 A, 55 m廓
November, 2009 ??Rev. 0
NTD6415ANL ONSEMI-NTD6415ANL Datasheet
265Kb / 6P
N-Channel Power MOSFET 100 V, 23 A, 56 m廓, Logic Level
March, 2010 -- Rev. 0
logo
Fairchild Semiconductor
FDS86141 FAIRCHILD-FDS86141 Datasheet
239Kb / 7P
N-Channel PowerTrench짰 MOSFET 100 V, 7 A, 23 m?
logo
ON Semiconductor
NVD6415ANLT4G ONSEMI-NVD6415ANLT4G Datasheet
127Kb / 6P
N-Channel Power MOSFET 100 V, 23 A, 56 m Logic Level
October, 2011 ??Rev. 1
NTHL080N120SC1 ONSEMI-NTHL080N120SC1 Datasheet
374Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 4
NTHL080N120SC1A ONSEMI-NTHL080N120SC1A Datasheet
288Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 1
NTMFD6H846NL ONSEMI-NTMFD6H846NL Datasheet
140Kb / 6P
MOSFET - Power, Dual N-Channel 80 V, 15 m, 31 A
March, 2020 ??Rev. 0
NTMFS034N15MC ONSEMI-NTMFS034N15MC Datasheet
223Kb / 8P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 31 m, 31 A
May, 2020 ??Rev. 0
NVMYS021N10MCL ONSEMI-NVMYS021N10MCL Datasheet
324Kb / 6P
MOSFET – Power, Single N-Channel 100 V, 23 m, 31 A
June, 2022 - Rev. 0
NTD6415AN ONSEMI-NTD6415AN_V01 Datasheet
238Kb / 8P
MOSFET – Power, N-Channel 100 V, 23 A, 55 m
June, 2019 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com