Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS021N10MCL Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMFS021N10MCL
Description  MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS021N10MCL Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFS021N10MCL Datasheet HTML 1Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 2Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 3Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 4Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 5Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 6Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 7Page - ON Semiconductor NVMFS021N10MCL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NVMFS021N10MCL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
100
−
−
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
−
48
−
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 100 V
TJ = 25 °C
−
−
1.0
mA
TJ = 125°C
−
−
100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 20 V
−
−
100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 42 mA
1
−
3
V
Threshold Temperature Coefficient
VGS(TH)/TJ
−
−5.4
−
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 7 A
−
19
23
mW
VGS = 4.5 V
ID = 6 A
−
26
33
Forward Transconductance
gFS
VDS = 10 V, ID = 7 A
−
24
−
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 50 V
−
850
−
pF
Output Capacitance
COSS
−
310
−
Reverse Transfer Capacitance
CRSS
−
5
−
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 50 V; ID = 6 A
−
6
−
nC
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 50 V; ID = 7 A
−
13
−
nC
Threshold Gate Charge
QG(TH)
VGS = 10 V, VDS = 50 V; ID = 7 A
−
1
−
nC
Gate−to−Source Charge
QGS
−
2.4
−
Gate−to−Drain Charge
QGD
−
1.7
−
Plateau Voltage
VGP
−
2.8
−
V
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 50 V,
ID = 7 A, RG = 6.0 W
−
6.4
−
ns
Rise Time
tr
−
2.4
−
Turn−Off Delay Time
td(OFF)
−
19
−
Fall Time
tf
−
3.3
−
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 7 A, TJ = 25 °C
−
0.83
1.3
V
VGS = 0 V, IS = 7 A, TJ = 125 °C
−
0.71
−
Reverse Recovery Time
tRR
VGS = 0 V, dlS/dt = 100 A/ms, IS = 4 A
−
29
−
ns
Reverse Recovery Charge
QRR
−
18
−
nC
Charge Time
ta
−
14.8
−
ns
Discharge Time
tb
−
14.2
−
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com