Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS024N06C Datasheet (PDF) - ON Semiconductor

NVMFS024N06C Datasheet PDF - ON Semiconductor
Part # NVMFS024N06C
Download  NVMFS024N06C Download
File Size   143.63 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, SO-8 FL 60 V, 22 m, 25 A

NVMFS024N06C Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS024N06C Datasheet PDF - ON Semiconductor

Part # NVMFS024N06C
Download  NVMFS024N06C Click to download

File Size   143.63 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, SO-8 FL 60 V, 22 m, 25 A

NVMFS024N06C Datasheet (HTML) - ON Semiconductor




Similar Part No. - NVMFS024N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS020N06C ONSEMI-NVMFS020N06C Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS020N06CT1G ONSEMI-NVMFS020N06CT1G Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS021N10MCL ONSEMI-NVMFS021N10MCL Datasheet
325Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A
December, 2021-Rev. 0
NVMFS021N10MCLT1G ONSEMI-NVMFS021N10MCLT1G Datasheet
325Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A
December, 2021-Rev. 0
NVMFS025P04M8L ONSEMI-NVMFS025P04M8L Datasheet
199Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 23 m, -34.6 A
March, 2021-Rev. 1
More results


Similar Description - NVMFS024N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4821N ONSEMI-NTMFS4821N_12 Datasheet
146Kb / 7P
Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
May, 2012 ??Rev. 4
NTMFS0D8N02P1E ONSEMI-NTMFS0D8N02P1E Datasheet
147Kb / 7P
MOSFET - Power, Single N-Channel, SO8-FL 25 V, 0.68 m, 365 A
March, 2020 ??Rev. 0
NTMFS4C302N ONSEMI-NTMFS4C302N Datasheet
184Kb / 7P
MOSFET ??Single, N-Channel, Logic Level, SO-8 FL 30 V, 1.15 m, 230 A
February, 2021-Rev. 3
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMFS4C306N ONSEMI-NVMFS4C306N Datasheet
201Kb / 8P
MOSFET - Power, Single N-Channel, SO-8 FL 30 V, 3.4 m, 71 A
October, 2020-Rev. 0
NVMFS016N06C ONSEMI-NVMFS016N06C Datasheet
189Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A
January, 2020?뭃ev. 0
NTMFS4922NE ONSEMI-NTMFS4922NE Datasheet
165Kb / 8P
Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com