Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4833N Datasheet (PDF) - ON Semiconductor

NTMFS4833N Datasheet PDF - ON Semiconductor
Part # NTMFS4833N
Download  NTMFS4833N Download
File Size   75.29 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL

NTMFS4833N Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMFS4833N Datasheet PDF - ON Semiconductor

Part # NTMFS4833N
Download  NTMFS4833N Click to download

File Size   75.29 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL

NTMFS4833N Datasheet (HTML) - ON Semiconductor


NTMFS4833N Product details

MOSFET – Power, Single, N-Channel, SO-8FL 30 V, 191 A

Features
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• Optimized Gate Charge to Minimize Switching Losses
• These are Pb−Free Devices

Applications
• Refer to Application Note AND8195/D
• CPU Power Delivery
• DC−DC Converters
• Low Side Switching




Similar Part No. - NTMFS4833N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
223Kb / 2P
12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
121Kb / 7P
Power MOSFET 30V 191A Single N-Channel, SO-8FL
March, 2014 ??Rev. 10
NTMFS4833NAT1G ONSEMI-NTMFS4833NAT1G Datasheet
123Kb / 7P
Power MOSFET
August, 2013 ??Rev. 0
NTMFS4833NS ONSEMI-NTMFS4833NS Datasheet
149Kb / 7P
Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4833NST1G ONSEMI-NTMFS4833NST1G Datasheet
149Kb / 7P
Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
More results


Similar Description - NTMFS4833N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4837NH ONSEMI-NTMFS4837NH Datasheet
142Kb / 7P
Power MOSFET 30 V, 75 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 4
NTMFS4851N ONSEMI-NTMFS4851N Datasheet
143Kb / 6P
Power MOSFET 30 V, 66 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4931N ONSEMI-NTMFS4931N Datasheet
123Kb / 7P
Power MOSFET 30 V, 246 A, Single N.Channel, SO.8 FL
May, 2012 ??Rev. 0
NTMFS4C09NT1G ONSEMI-NTMFS4C09NT1G Datasheet
132Kb / 7P
Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 2
NTMFS4985NFT1G ONSEMI-NTMFS4985NFT1G Datasheet
120Kb / 7P
Power MOSFET 30 V, 65 A, Single N?묬hannel, SO?? FL
July, 2012 ??Rev. 2
NVMFS4C306N ONSEMI-NVMFS4C306N Datasheet
201Kb / 8P
MOSFET - Power, Single N-Channel, SO-8 FL 30 V, 3.4 m, 71 A
October, 2020-Rev. 0
NTMFS4922NE ONSEMI-NTMFS4922NE Datasheet
165Kb / 8P
Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com