Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4833N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS4833N
Description  Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4833N Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS4833N Datasheet HTML 1Page - ON Semiconductor NTMFS4833N Datasheet HTML 2Page - ON Semiconductor NTMFS4833N Datasheet HTML 3Page - ON Semiconductor NTMFS4833N Datasheet HTML 4Page - ON Semiconductor NTMFS4833N Datasheet HTML 5Page - ON Semiconductor NTMFS4833N Datasheet HTML 6Page - ON Semiconductor NTMFS4833N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTMFS4833N
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
1.0
°C/W
Junction−to−Ambient – Steady State (Note 3)
RqJA
53.2
Junction−to−Ambient – Steady State (Note 4)
RqJA
137.8
3. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
4. Surface−mounted on FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
17
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25 °C
1
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
2.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
7.12
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V to
11.5 V
ID = 30 A
1.3
2.0
m
W
ID = 15 A
1.3
VGS = 4.5 V
ID = 30 A
2.3
3.0
ID = 15 A
2.3
Forward Transconductance
gFS
VDS = 15 V, ID = 15 A
30
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 12 V
5600
pF
Output Capacitance
COSS
1200
Reverse Transfer Capacitance
CRSS
650
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V; ID = 30 A
39
58
nC
Threshold Gate Charge
QG(TH)
6.0
Gate−to−Source Charge
QGS
16
Gate−to−Drain Charge
QGD
17
Total Gate Charge
QG(TOT)
VGS = 11.5 V, VDS = 15 V;
ID = 30 A
88
nC
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 15 V, ID = 15 A,
RG = 3.0 W
25
ns
Rise Time
tr
34
Turn−Off Delay Time
td(OFF)
35
Fall Time
tf
17
Turn−On Delay Time
td(ON)
VGS = 11.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
14
ns
Rise Time
tr
19
Turn−Off Delay Time
td(OFF)
50
Fall Time
tf
10
5. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com