Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4833N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4833N
Description  Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4833N Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4833N Datasheet HTML 1Page - ON Semiconductor NTMFS4833N Datasheet HTML 2Page - ON Semiconductor NTMFS4833N Datasheet HTML 3Page - ON Semiconductor NTMFS4833N Datasheet HTML 4Page - ON Semiconductor NTMFS4833N Datasheet HTML 5Page - ON Semiconductor NTMFS4833N Datasheet HTML 6Page - ON Semiconductor NTMFS4833N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMFS4833N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
4.2 V thru 10 V
2.8 V
3.2 V
3.0 V
200
0.003
0
100
1.0
0
1,000
100,000
02
1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
2
0.006
0
4
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
−50
25
0
−25
50
75
23
15
10
30
0
3
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
VGS = 4.5 V
125
VGS = 0 V
ID = 30 A
VGS = 10 V
TJ = 150°C
50
0
45
TJ = 25°C
20
VGS = 4.0 V
1.75
100
40
650
0.001
75
3.4 V
3.6 V
3.8 V
50
25
200
25
200
ID = 30 A
TJ = 25°C
8
VGS = 11.5 V
100
TJ = 25°C
0.002
25
5
75
1
10
12
0.004
25
75
100
125
150
175
100
175
0.002
0.004
0.008
125
175
150
1.5
0.5
TJ = 125°C
150
0.010
125
150
10,000
5
0.25
0.75
1.25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com