Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS024N06C Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMFS024N06C
Description  MOSFET - Power, Single N-Channel, SO-8 FL 60 V, 22 m, 25 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS024N06C Datasheet(HTML) 3 Page - ON Semiconductor

  NVMFS024N06C Datasheet HTML 1Page - ON Semiconductor NVMFS024N06C Datasheet HTML 2Page - ON Semiconductor NVMFS024N06C Datasheet HTML 3Page - ON Semiconductor NVMFS024N06C Datasheet HTML 4Page - ON Semiconductor NVMFS024N06C Datasheet HTML 5Page - ON Semiconductor NVMFS024N06C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVMFS024N06C
www.onsemi.com
3
TYPICAL CHARACTERISTICS
0
5
10
20
15
0
0.5
1.0
2.0
2.5 3.0
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
3.6 V
4.5 V
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 25°C
ID = 3 A
TJ = 25°C
VGS = 10 V
ID = 3 A
TJ = 125°C
TJ = 85°C
TJ = 175°C
VGS = 10 V to 7 V
0
5
10
15
0
0.5
1.0
1.5 2.0
3.0
5.0 V
16
18
20
22
24
26
28
30
5
6
7
8
9
10
3
6
9
12
15
27
30
25
20
15
5
0
0.5
1.0
1.5
2.5
−50 −25
0
25
50
75
100 125 150 175
1.E−01
1.E+02
1.E+03
515
35
55
20
25
25
3.5
5.0
10
18
24
21
25
45
30
35
40
45
4.0
VGS = 10 V
2.0
TJ = 150°C
TJ = 25°C
1.E+01
1.E+04
2.5
6.0 V
1.E+00
3.5
50
4.5
4.0
5.0
1.5
4.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com