Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS024N06C Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMFS024N06C
Description  MOSFET - Power, Single N-Channel, SO-8 FL 60 V, 22 m, 25 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS024N06C Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFS024N06C Datasheet HTML 1Page - ON Semiconductor NVMFS024N06C Datasheet HTML 2Page - ON Semiconductor NVMFS024N06C Datasheet HTML 3Page - ON Semiconductor NVMFS024N06C Datasheet HTML 4Page - ON Semiconductor NVMFS024N06C Datasheet HTML 5Page - ON Semiconductor NVMFS024N06C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVMFS024N06C
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
ID = 250 mA, ref to 25°C
27
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 60 V
TJ = 25°C
10
mA
TJ = 125°C
250
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 20 V
100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 20 mA
2.0
4.0
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
ID = 17 mA, ref to 25°C
−7.8
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 3 A
18.3
22
mW
Forward Transconductance
gFS
VDS = 5 V, ID = 3 A
10
S
Gate Resistance
RG
TA = 25°C
0.8
W
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 30 V
333
pF
Output Capacitance
COSS
225
Reverse Transfer Capacitance
CRSS
5.05
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 48 V; ID = 3 A
5.7
nC
Threshold Gate Charge
QG(TH)
1.3
Gate−to−Source Charge
QGS
2.0
Gate−to−Drain Charge
QGD
0.68
SWITCHING CHARACTERISTICS, VGS = 10 V (Note 5)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 48 V,
ID = 3 A, RG = 6.0 W
6.6
ns
Rise Time
tr
1.3
Turn−Off Delay Time
td(OFF)
10
Fall Time
tf
3.0
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 3 A
TJ = 25°C
0.8
1.2
V
TJ = 125°C
0.66
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
VDS = 30 V, IS = 3 A
23
ns
Charge Time
ta
11
Discharge Time
tb
12
Reverse Recovery Charge
QRR
11
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
5. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com