Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS016N06C Datasheet (PDF) - ON Semiconductor

NVMFS016N06C Datasheet PDF - ON Semiconductor
Part # NVMFS016N06C
Download  NVMFS016N06C Download
File Size   189.19 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A

NVMFS016N06C Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS016N06C Datasheet PDF - ON Semiconductor

Part # NVMFS016N06C
Download  NVMFS016N06C Click to download

File Size   189.19 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A

NVMFS016N06C Datasheet (HTML) - ON Semiconductor


NVMFS016N06C Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• NVMFWS016N06C − Wettable Flank Option for Enhanced Optical Inspection
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• Power Tools, Battery Operated Vacuums
• UAV/Drones, Material Handling
• BMS/Storage, Home Automation




Similar Part No. - NVMFS016N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS016N10MCL ONSEMI-NVMFS016N10MCL Datasheet
152Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 14 m, 46 A
September, 2021-Rev. 1
NVMFS016N10MCLT1G ONSEMI-NVMFS016N10MCLT1G Datasheet
152Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 14 m, 46 A
September, 2021-Rev. 1
More results


Similar Description - NVMFS016N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS020N06C ONSEMI-NTTFS020N06C Datasheet
210Kb / 7P
MOSFET - Power, Single N-Channel, 8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
NTTFS030N06C ONSEMI-NTTFS030N06C Datasheet
212Kb / 7P
MOSFET - Power, Single N-Channel, 8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 1
NVMFD024N06C ONSEMI-NVMFD024N06C Datasheet
255Kb / 7P
MOSFET ??Power, Dual N-Channel, SO-8FL 60 V, 22.6 m, 24 A
December, 2019-Rev. 0
NVMFD030N06C ONSEMI-NVMFD030N06C Datasheet
253Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO-8FL 60 V, 29.7 m, 19 A
January, 2020?뭃ev. 0
NVMFS020N06C ONSEMI-NVMFS020N06C Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
NVTFS016N06C ONSEMI-NVTFS016N06C Datasheet
280Kb / 8P
MOSFET - Power, Single N-Channel, 8FL 60 V, 16.3 m, 32 A
November, 2020 - Rev. 1
NVTFS020N06C ONSEMI-NVTFS020N06C Datasheet
280Kb / 8P
MOSFET - Power, Single N-Channel, 8FL 60 V, 20.3 m, 27 A
November, 2020 - Rev. 1
NVTFS024N06C ONSEMI-NVTFS024N06C Datasheet
283Kb / 8P
MOSFET - Power, Single N-Channel, 8FL 60 V, 22.6 m, 24 A
November, 2020 - Rev. 1
NVTFS030N06C ONSEMI-NVTFS030N06C Datasheet
281Kb / 8P
MOSFET - Power, Single N-Channel, 8FL 60 V, 29.7 m, 19 A
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com