Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS016N10MCL Datasheet (PDF) - ON Semiconductor

NVMFS016N10MCL Datasheet PDF - ON Semiconductor
Part # NVMFS016N10MCL
Download  NVMFS016N10MCL Download
File Size   152.88 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 100 V, 14 m, 46 A

NVMFS016N10MCL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS016N10MCL Datasheet PDF - ON Semiconductor

Part # NVMFS016N10MCL
Download  NVMFS016N10MCL Click to download

File Size   152.88 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 100 V, 14 m, 46 A

NVMFS016N10MCL Datasheet (HTML) - ON Semiconductor


NVMFS016N10MCL Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• NVMFWS016N10MCL − Wettable Flank Products
• These Devices are Pb−Free, Halogen Free/BFR Free, Beryllium Free and are RoHS Compliant




Similar Part No. - NVMFS016N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS016N06C ONSEMI-NVMFS016N06C Datasheet
189Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A
January, 2020?뭃ev. 0
NVMFS016N06CT1G ONSEMI-NVMFS016N06CT1G Datasheet
189Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A
January, 2020?뭃ev. 0
More results


Similar Description - NVMFS016N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB6411AN ONSEMI-NTB6411AN Datasheet
145Kb / 7P
N-Channel Power MOSFET 100 V, 72 A, 14 m廓
October, 2009 ??Rev. 0
logo
Fairchild Semiconductor
FDMC86160 FAIRCHILD-FDMC86160 Datasheet
279Kb / 7P
N-Channel Power Trench MOSFET 100 V, 43 A, 14 m Ohm
logo
ON Semiconductor
NVD5865NLT4G ONSEMI-NVD5865NLT4G Datasheet
115Kb / 6P
Power MOSFET 60 V, 46 A, 16 m, Single N?묬hannel
January, 2013 ??Rev. 2
NVTFS4824NTAG ONSEMI-NVTFS4824NTAG Datasheet
122Kb / 6P
Power MOSFET 30 V, 4.7 m, 46 A, Single N?묬hannel
May, 2013 ??Rev. 2
NTHL060N090SC1 ONSEMI-NTHL060N090SC1 Datasheet
773Kb / 7P
MOSFET - SiC Power, Single N-Channel 900 V, 60 m, 46 A
May, 2020 ??Rev. 2
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
HUF75645P3 ONSEMI-HUF75645P3 Datasheet
465Kb / 11P
N-Channel UltraFET Power MOSFET 100 V, 75 A, 14 m廓
October-2017, Rev. 3
NTTFS5C478NL ONSEMI-NTTFS5C478NL Datasheet
207Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTTFS6H888NL ONSEMI-NTTFS6H888NL Datasheet
201Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 50 m, 14 A
January, 2020 ??Rev. 0
NVMYS016N10MCL ONSEMI-NVMYS016N10MCL Datasheet
228Kb / 6P
MOSFET – Power, Single N-Channel 100 V, 14 m, 46 A
June, 2022 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com