Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVTYS005N04CL Datasheet (PDF) - ON Semiconductor

NVTYS005N04CL Datasheet PDF - ON Semiconductor
Part # NVTYS005N04CL
Download  NVTYS005N04CL Download
File Size   332.37 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 4.8 m, 75 A

NVTYS005N04CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVTYS005N04CL Datasheet PDF - ON Semiconductor

Part # NVTYS005N04CL
Download  NVTYS005N04CL Click to download

File Size   332.37 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 4.8 m, 75 A

NVTYS005N04CL Datasheet (HTML) - ON Semiconductor


NVTYS005N04CL Product details

Features
• Small Footprint (3.3 x 3.3 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVTYS005N04CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTYS005N04C ONSEMI-NVTYS005N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.6 m, 71 A
May, 2021 ??Rev. 1
NVTYS005N04CTWG ONSEMI-NVTYS005N04CTWG Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.6 m, 71 A
May, 2021 ??Rev. 1
More results


Similar Description - NVTYS005N04CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS5834NL ONSEMI-NTMFS5834NL Datasheet
114Kb / 6P
40 V, 75 A, 9.3 m, Single N?묬hannel
June, 2012 ??Rev. 2
NTMFS5834NL ONSEMI-NTMFS5834NL_13 Datasheet
114Kb / 6P
Power MOSFET 40 V, 75 A, 9.3 m, Single N.Channel
February, 2013 ??Rev. 3
logo
Renesas Technology Corp
RJK0702DPN-E0 RENESAS-RJK0702DPN-E0 Datasheet
91Kb / 7P
N-Channel MOS FET 75 V, 90 A, 4.8 m
RJK0702DPP-E0 RENESAS-RJK0702DPP-E0 Datasheet
87Kb / 7P
N-Channel MOS FET 75 V, 90 A, 4.8 m
RJK0702DPN-E0 RENESAS-RJK0702DPN-E0_15 Datasheet
91Kb / 7P
N-Channel MOS FET 75 V, 90 A, 4.8 m?
RJK0702DPP-E0 RENESAS-RJK0702DPP-E0_15 Datasheet
87Kb / 7P
N-Channel MOS FET 75 V, 90 A, 4.8 m?
logo
ON Semiconductor
NTTFS5C460NL ONSEMI-NTTFS5C460NL Datasheet
207Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 4.8 m, 74 A
June, 2019 ??Rev. 0
NVLJS053N12MCL ONSEMI-NVLJS053N12MCL Datasheet
260Kb / 7P
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 53 m, 4.8 A
August, 2020 ??Rev. 0
NVMFS4C308N ONSEMI-NVMFS4C308N Datasheet
241Kb / 9P
MOSFET - Power, Single N-Channel, DFN5/DFNW5 30 V, 4.8 m, 55 A
September, 2021-Rev. 1
NVTFS5C460NL ONSEMI-NVTFS5C460NL Datasheet
208Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 4.8 m, 74 A
December, 2019 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com