Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PASCO2 Datasheet (PDF) - Infineon Technologies AG

PASCO2 Datasheet PDF - Infineon Technologies AG
Part # PASCO2
Download  PASCO2 Download
File Size   1070.87 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description XENSIVTM PAS CO2

PASCO2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PASCO2 Datasheet PDF - Infineon Technologies AG

Part # PASCO2
Download  PASCO2 Click to download

File Size   1070.87 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description XENSIVTM PAS CO2

PASCO2 Datasheet (HTML) - Infineon Technologies AG


PASCO2 Product details

Description
Infineon has leveraged its knowledge in sensors and MEMS technologies to
develop a disruptive gas sensor for CO2 sensing. The XENSIVTM PAS CO2 is a real
CO2 sensor in an exceptionally small form factor based on the photoacoustic
spectroscopy (PAS) principle.
Infineon's MEMS microphone, which is optimized for low-frequency operation,
detects the pressure change generated by CO2 molecules within the sensor
cavity. CO2 concentration is then delivered in the form of a direct ppm readout
thanks to the integrated microcontroller. Highly accurate CO2 readings are
guaranteed.
Features
• Operating range: 0 ppm to 32000 ppm
• Accuracy: ± (30 ppm +3%) of reading between 400 ppm and 5000 ppm
• Lifetime: 10 years
• Operating temperature: 0-50°C
• Operating relative humidity: 0% to 85% (Non-condensing)
• Interface: I2C, UART, and PWM
• Supply voltage: 12.0 V for the emitter and 3.3 V for other components
• Average power consumption: Typically, 30 mW at 1 measurement/minute
• Package dimension: 13.8 x 14 x 7.5 mm3
Potential applications
High accuracy, compact size, and SMD capability make the XENSIVTM PAS CO2 ideal for indoor air quality
monitoring solutions in the market with numerous potential applications.
• Building automation: Demand Controlled Ventilation, Air Handler Units, Air Exchanger
• Home appliances: Air purifiers, Air Conditioner
• Smart home IoT devices: Thermostat, Speaker, Baby monitors, Personal assistants, Indoor Air Quality
Monitor, Smart lighting.
• City management/ CO2 emissions control: Outdoor lighting, Bus stop stations, Advertising billboards.
• In-cabin air quality monitoring unit




Similar Part No. - PASCO2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PASCO2V01 INFINEON-PASCO2V01 Datasheet
1Mb / 24P
disruptive gas sensor
V 1.3 2022-11-21
PASCO2V01BUMA1 INFINEON-PASCO2V01BUMA1 Datasheet
1Mb / 24P
disruptive gas sensor
V 1.3 2022-11-21
PASCO2V15 INFINEON-PASCO2V15 Datasheet
322Kb / 10P
XENSIVTM PAS CO2 1.5
V 1.1
More results


Similar Description - PASCO2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Extech Instruments Corp...
CO250 EXTECH-CO250 Datasheet
209Kb / 10P
CO2 Meter
logo
Fuji Electric
EDS3-104C FUJI-EDS3-104C Datasheet
66Kb / 4P
INFRARED CO2 CONTROLLER
logo
Taiyo Yuden (U.S.A.), I...
PAS311HR-VA6R TAIYO-YUDEN-PAS311HR-VA6R Datasheet
188Kb / 4P
COIN TYPE PAS CAPACITOR
logo
List of Unclassifed Man...
T6613-F ETC2-T6613-F Datasheet
123Kb / 4P
Telaire 6613 CO2 Module
logo
Extech Instruments Corp...
SD800 EXTECH-SD800 Datasheet
194Kb / 1P
CO2/Humidity/Temperature Datalogger
logo
Infineon Technologies A...
IM69D130 INFINEON-IM69D130 Datasheet
2Mb / 16P
High performance digital XENSIVTM MEMS microphone
Datasheet 1.0 2017-12-19
DPS368 INFINEON-DPS368 Datasheet
5Mb / 44P
Digital XENSIVTM barometric pressure sensor
2019-07-03
logo
SAMYANG ELECTRONICS CO....
M1G SAMYANG-M1G Datasheet
1Mb / 2P
GLASS PAS SIVATED RECTIFIERS
logo
PHOENIX CONTACT
1231073 PHOENIX-1231073 Datasheet
234Kb / 8P
ES-C1M-C-CO2 - Connector
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com