Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC3511 Datasheet (PDF) - Unisonic Technologies

UTC3511 Datasheet PDF - Unisonic Technologies
Part # UTC3511
Download  UTC3511 Download
File Size   55.08 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description CMOS IC

UTC3511 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTC3511 Datasheet PDF - Unisonic Technologies

Part # UTC3511
Download  UTC3511 Click to download

File Size   55.08 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description CMOS IC

UTC3511 Datasheet (HTML) - Unisonic Technologies


UTC3511 Product details

DESCRIPTION
The UTC 3511 is designed to provide the voltage, and current supervisor function, power good output (PGO), fault protection latch (FPL_N), and protection detector function (PDON_N) control for switching power systems.

FEATURES
* Over Voltage Detector (OVD) for 3.3V, 5V, 12V.
* Under Voltage Detector (UVD) for 3.3V, 5V.
* Open Drain Output for PGO and FPL_N.
* 300 ms power good delay.
* 75 ms delay for 3.3V and 5V turn on.
* 38 ms PDON_N control De-bounce.
* 2.4 ms PDON_N control to FPL_N turn-off delay.
* De-bounce time 73 μs for UVD/OVD.
* Wide supply voltage range from 4V ~ 15V.




Similar Part No. - UTC3511

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC3521 UTC-UTC3521 Datasheet
45Kb / 4P
CMOS IC
UTC3563 UTC-UTC3563 Datasheet
163Kb / 10P
LINEAR INTEGRATED CIRCUIT
UTC3563 UTC-UTC3563 Datasheet
247Kb / 10P
HIGH-EFFICIENCY DC/DC CONVERTER
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
HIGH-EFFICIENCY DC/DC CONVERTER
logo
Hangzhou Youwang Electr...
UTC358 YOUWANG-UTC358 Datasheet
143Kb / 7P
DUAL OPERATIONAL AMPLIFIERS
2007.02.27
More results


Similar Description - UTC3511

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com