Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC11CX2 Datasheet (PDF) - NXP Semiconductors

LPC11CX2 Datasheet PDF - NXP Semiconductors
Part # LPC11CX2
Download  LPC11CX2 Download
File Size   550.74 Kbytes
Page   64 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN

LPC11CX2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC11CX2 Datasheet PDF - NXP Semiconductors

Part # LPC11CX2
Download  LPC11CX2 Click to download

File Size   550.74 Kbytes
Page   64 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN

LPC11CX2 Datasheet (HTML) - NXP Semiconductors


LPC11CX2 Product details

General description
The LPC11Cx2/Cx4 are an ARM Cortex-M0 based, low-cost 32-bit MCU family, designed
for 8/16-bit microcontroller applications, offering performance, low power, simple
instruction set and memory addressing together with reduced code size compared to
existing 8/16-bit architectures.
The LPC11Cx2/Cx4 operate at CPU frequencies of up to 50 MHz.
The peripheral complement of the LPC11Cx2/Cx4 includes 16/32 kB of flash memory,
8 kB of data memory, one C_CAN controller, one Fast-mode Plus I2C-bus interface, one
RS-485/EIA-485 UART, two SPI interfaces with SSP features, four general purpose
counter/timers, a 10-bit ADC, and up to 40 general purpose I/O pins.
On-chip C_CAN drivers and flash In-System Programming tools via C_CAN are included.
In addition, the LPC11C22 and LPC11C24 parts include an on-chip, high-speed CAN
transceiver.

Features and benefits
 System:
 ARM Cortex-M0 processor, running at frequencies of up to 50 MHz.
 ARM Cortex-M0 built-in Nested Vectored Interrupt Controller (NVIC).
 Serial Wire Debug.
 System tick timer.
 Memory:
 32 kB (LPC11Cx4) or 16 kB (LPC11Cx2) on-chip flash program memory.
 8 kB SRAM data memory.
 In-System Programming (ISP) and In-Application Programming (IAP) via on-chip
bootloader software.
 Flash ISP commands can be issued via UART or C_CAN.
 Digital peripherals:
 General Purpose I/O (GPIO) pins with configurable pull-up/pull-down resistors.
 40 GPIO pins on the LPC11C12/C14 parts; 36 GPIO pins on the LPC11C22/C24
parts.
 GPIO pins can be used as edge and level sensitive interrupt sources.
 High-current output driver (20 mA) on one pin.
 High-current sink drivers (20 mA) on two I2C-bus pins in Fast-mode Plus.
 Four general purpose counter/timers with a total of four capture inputs and 13
(LPC11C12/C14) or 12 (LPC11C22/C24) match outputs.
 Programmable WatchDog Timer (WDT).
 Analog peripherals:
 10-bit ADC with input multiplexing among 8 pins.
 Serial interfaces:
 UART with fractional baud rate generation, internal FIFO, and RS-485 support.
 Two SPI controllers with SSP features and with FIFO and multi-protocol
capabilities.
 I2C-bus interface supporting full I2C-bus specification and Fast-mode Plus with a
data rate of 1 Mbit/s with multiple address recognition and monitor mode.
 C_CAN controller. On-chip C_CAN and CANopen drivers included.
 On-chip, high-speed CAN transceiver (parts LPC11C22/C24 only).
 Clock generation:
 12 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used
as a system clock.
 Crystal oscillator with an operating range of 1 MHz to 25 MHz.
 Programmable watchdog oscillator with a frequency range of 7.8 kHz to 1.8 MHz.
 PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from the system oscillator or the internal RC
oscillator.
 Clock output function with divider that can reflect the system oscillator, IRC, CPU
clock, or the Watchdog clock.
 Power control:
 Integrated PMU (Power Management Unit) to minimize power consumption during
Sleep, Deep-sleep, and Deep power-down modes.
 Three reduced power modes: Sleep, Deep-sleep, and Deep power-down.
 Processor wake-up from Deep-sleep mode via a dedicated start logic using 13 of
the GPIO pins.
 Power-On Reset (POR).
 Brownout detect with four separate thresholds for interrupt and forced reset.
 Unique device serial number for identification.
 Single 3.3 V power supply (1.8 V to 3.6 V).
 Available as 48-pin LQFP package.




Similar Part No. - LPC11CX2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11CX2 NXP-LPC11CX2 Datasheet
1Mb / 61P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM C_CAN
Rev. 2-3 December 2010
LPC11CX2 NXP-LPC11CX2 Datasheet
520Kb / 62P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011
LPC11CX2 NXP-LPC11CX2_11 Datasheet
520Kb / 62P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011
More results


Similar Description - LPC11CX2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11C12 NXP-LPC11C12 Datasheet
310Kb / 49P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 00.05-6 May 2010
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC11CX2 NXP-LPC11CX2 Datasheet
1Mb / 61P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM C_CAN
Rev. 2-3 December 2010
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC11CX2 NXP-LPC11CX2_11 Datasheet
520Kb / 62P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC11C24FBD48301 NXP-LPC11C24FBD48301 Datasheet
327Kb / 62P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.1-15 May 2013
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com