Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2194 Datasheet (PDF) - NXP Semiconductors

LPC2194 Datasheet PDF - NXP Semiconductors
Part # LPC2194
Download  LPC2194 Download
File Size   222.76 Kbytes
Page   41 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-chip 16/32-bit microcontroller; 256 kB ISP/IAP flash with 10-bit ADC and CAN

LPC2194 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC2194 Datasheet PDF - NXP Semiconductors

Part # LPC2194
Download  LPC2194 Click to download

File Size   222.76 Kbytes
Page   41 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-chip 16/32-bit microcontroller; 256 kB ISP/IAP flash with 10-bit ADC and CAN

LPC2194 Datasheet (HTML) - NXP Semiconductors


LPC2194 Product details

General description
The LPC2194 is based on a 16/32-bit ARM7TDMI-S CPU with real-time emulation and
embedded trace support, together with 256 kB of embedded high-speed flash memory. A
128-bit wide memory interface and a unique accelerator architecture enable 32-bit code
execution at maximum clock rate. For critical code size applications, the alternative 16-bit
Thumb mode reduces code by more than 30 % with minimal performance penalty.
With its compact 64-pin package, low power consumption, various 32-bit timers,
4-channel 10-bit ADC, four advanced CAN channels, PWM channels and 46 fast GPIO
lines with up to nine external interrupt pins this microcontroller is particularly suitable for
automotive applications such as a CAN gateway that connects several CAN busses or a
CAN bridge between sub networks at different speeds. Sensors with CAN interface or
debugging via CAN are additional applications that need more than two CAN interfaces. It
is also an adequate solution for industrial control, medical systems and fault-tolerant
maintenance buses. With a wide range of additional serial communications interfaces, it is
also suited for communication gateways and protocol converters as well as many other
general-purpose applications.
Remark: Throughout the data sheet, the term LPC2194 will apply to devices with and
without the /00 or /01 suffixes. The /00 or the /01 suffix will be used to differentiate from
other devices only when necessary.

Features and benefits
2.1 Key features brought by LPC2194/01 devices
 Fast GPIO ports enable port pin toggling up to 3.5 times faster than the original device.
They also allow for a port pin to be read at any time regardless of its function.
 Dedicated result registers for ADC(s) reduce interrupt overhead. The ADC pads are
5 V tolerant when configured for digital I/O function(s).
 UART0/1 include fractional baud rate generator, auto-bauding capabilities and
handshake flow-control fully implemented in hardware.
 Buffered SSP serial controller supporting SPI, 4-wire SSI, and Microwire formats.
 SPI programmable data length and master mode enhancement.
 Diversified Code Read Protection (CRP) enables different security levels to be
implemented. This feature is available in LPC2194/00 devices as well.
 General purpose timers can operate as external event counters.
2.2 Key features common for all devices
 16/32-bit ARM7TDMI-S microcontroller in a tiny LQFP64 package.
 16 kB on-chip SRAM and 256 kB on-chip flash program memory. 128-bit wide
interface/accelerator enables high speed 60 MHz operation.
 In-System Programming (ISP) and In-Application Programming (IAP) via on-chip
bootloader software. Flash programming takes 1 ms per 512 B line. Single sector or
full chip erase takes 400 ms.
 EmbeddedICE-RT and Embedded Trace interfaces offer real-time debugging with
on-chip RealMonitor software as well as high speed real-time tracing of instruction
execution.
 Four interconnected CAN interfaces with advanced acceptance filters. Additional serial
interfaces are two UARTs (16C550), Fast I2C-bus (400 kbit/s) and two SPIs.
 Four channel 10-bit ADC with conversion time as low as 2.44 s.
 Two 32-bit timers (with four capture and four compare channels), PWM unit (six
outputs), Real-Time Clock and Watchdog.
 Vectored Interrupt Controller with configurable priorities and vector addresses.
 Up to forty-six 5 V tolerant general purpose I/O pins. Up to nine edge or level sensitive
external interrupt pins available.
 Operating temperature range from 40 C to +125 C.
 60 MHz maximum CPU clock available from programmable on-chip Phase-Locked
Loop with settling time of 100 s.
 On-chip crystal oscillator with an operating range of 1 MHz to 30 MHz.
 Two low power modes, Idle and Power-down.
 Processor wake-up from Power-down mode via external interrupt.
 Individual enable/disable of peripheral functions for power optimization.
 Dual power supply:
 CPU operating voltage range of 1.65 V to 1.95 V (1.8 V  0.15 V).
 I/O power supply range of 3.0 V to 3.6 V (3.3 V  10 %) with 5 V tolerant I/O pads.




Similar Part No. - LPC2194

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2194 PHILIPS-LPC2194 Datasheet
158Kb / 33P
Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 01-06 February 2004
LPC2194 NXP-LPC2194 Datasheet
188Kb / 40P
Single-chip 16/32-bit microcontroller; 256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 05-10 December 2007
LPC2194HBD64 NXP-LPC2194HBD64 Datasheet
188Kb / 40P
Single-chip 16/32-bit microcontroller; 256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 05-10 December 2007
LPC2194HBD64/00 NXP-LPC2194HBD64/00 Datasheet
188Kb / 40P
Single-chip 16/32-bit microcontroller; 256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 05-10 December 2007
LPC2194HBD64/01 NXP-LPC2194HBD64/01 Datasheet
188Kb / 40P
Single-chip 16/32-bit microcontroller; 256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 05-10 December 2007
More results


Similar Description - LPC2194

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2194 PHILIPS-LPC2194 Datasheet
158Kb / 33P
Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 01-06 February 2004
LPC2119 PHILIPS-LPC2119 Datasheet
163Kb / 34P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 03-22 December 2004
LPC2114 PHILIPS-LPC2114 Datasheet
161Kb / 34P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2109 NXP-LPC2109 Datasheet
194Kb / 44P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 06-10 December 2007
LPC2114 NXP-LPC2114 Datasheet
182Kb / 40P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 06-10 December 2007
LPC2194 NXP-LPC2194 Datasheet
188Kb / 40P
Single-chip 16/32-bit microcontroller; 256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 05-10 December 2007
LPC2109 NXP-LPC2109_11 Datasheet
298Kb / 46P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2109 PHILIPS-LPC2109_15 Datasheet
298Kb / 46P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com