Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBYV26C Datasheet (PDF) - Vishay Siliconix

SBYV26C Datasheet PDF - Vishay Siliconix
Part # SBYV26C
Download  SBYV26C Download
File Size   77.31 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Ultrafast Plastic Rectifier

SBYV26C Datasheet (PDF)

Go To PDF Page Download Datasheet
SBYV26C Datasheet PDF - Vishay Siliconix

Part # SBYV26C
Download  SBYV26C Click to download

File Size   77.31 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Ultrafast Plastic Rectifier

SBYV26C Datasheet (HTML) - Vishay Siliconix


SBYV26C Product details

FEATURES
• Superectifier structure for high reliability condition
• Cavity-free glass-passivated junction
• Ideal for printed circuit boards
• Ultrafast reverse recovery time
• Low forward voltage drop
• Low leakage current
• Low switching losses, high efficiency
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer and telecommunication.

MECHANICAL DATA
Case: DO-41 (DO-204AL), molded plastic over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant and commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: color band denotes cathode end




Similar Part No. - SBYV26C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV26C VISHAY-SBYV26C Datasheet
30Kb / 2P
Glass Passivated Ultrafast Rectifier
11-Feb-02
SBYV26C VISHAY-SBYV26C Datasheet
108Kb / 5P
Glass Passivated Ultrafast Rectifier
20-Aug-07
logo
Gulf Semiconductor
SBYV26C GULFSEMI-SBYV26C Datasheet
101Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200 to 1400V CURRENT: 1.0A
logo
Vishay Siliconix
SBYV26C VISHAY-SBYV26C Datasheet
80Kb / 5P
Glass Passivated Ultrafast Rectifier
15-Mar-11
logo
Shenzhen Taychipst Elec...
SBYV26C TAYCHIPST-SBYV26C Datasheet
15Mb / 2P
Glass Passivated Ultrafast Rectifier
More results


Similar Description - SBYV26C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EGP30D-E3 VISHAY-EGP30D-E3 Datasheet
75Kb / 4P
Glass Passivated Ultrafast Plastic Rectifier
15-Aug-13
EGP10G-E3 VISHAY-EGP10G-E3 Datasheet
72Kb / 4P
Glass Passivated Ultrafast Plastic Rectifier
15-Aug-13
EGP20D-E3 VISHAY-EGP20D-E3 Datasheet
77Kb / 5P
Glass Passivated Ultrafast Plastic Rectifier
15-Aug-13
EGP31A VISHAY-EGP31A Datasheet
92Kb / 5P
Glass Passivated Ultrafast Plastic Rectifier
22-Dec-16
BYV26DGP VISHAY-BYV26DGP_V01 Datasheet
78Kb / 5P
Glass Passivated Ultrafast Plastic Rectifier
Revision: 06-Oct-2021
EGP31A VISHAY-EGP31A_V01 Datasheet
89Kb / 5P
Glass Passivated Ultrafast Plastic Rectifier
06-Oct-2021
EGP30A VISHAY-EGP30A_V01 Datasheet
78Kb / 4P
Glass Passivated Ultrafast Plastic Rectifier
13-Jun-16
FGP20B VISHAY-FGP20B_V01 Datasheet
72Kb / 4P
Glass Passivated Ultrafast Plastic Rectifier
12-Dec-13
FGP30B VISHAY-FGP30B_V01 Datasheet
72Kb / 4P
Glass Passivated Ultrafast Plastic Rectifier
12-Dec-13
FGP50B VISHAY-FGP50B_V01 Datasheet
74Kb / 4P
Glass Passivated Ultrafast Plastic Rectifier
12-Dec-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com