Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBYV26C Datasheet (PDF) - Gulf Semiconductor

SBYV26C Datasheet PDF - Gulf Semiconductor
Part # SBYV26C
Download  SBYV26C Download
File Size   101.04 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200 to 1400V CURRENT: 1.0A

SBYV26C Datasheet (PDF)

Go To PDF Page Download Datasheet
SBYV26C Datasheet PDF - Gulf Semiconductor

Part # SBYV26C
Download  SBYV26C Click to download

File Size   101.04 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200 to 1400V CURRENT: 1.0A

SBYV26C Datasheet (HTML) - Gulf Semiconductor


SBYV26C Product details

VOLTAGE:200 to 1400V CURRENT: 1.0A



FEATURE

  Ideal for surface mount automotive applications

  High temperature metallurgically bonded construction

  Sintered glass cavity free junction

  Capability of meeting environmental standard of MIL-S-19500

  High temperature soldering guaranteed 350°C /10sec/0.375”lead length at 5 lbs tension

  Operate at Ta =55°C with no thermal run away

  Typical Ir<0.1µA



 




Similar Part No. - SBYV26C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV26C VISHAY-SBYV26C Datasheet
30Kb / 2P
Glass Passivated Ultrafast Rectifier
11-Feb-02
SBYV26C VISHAY-SBYV26C Datasheet
108Kb / 5P
Glass Passivated Ultrafast Rectifier
20-Aug-07
SBYV26C VISHAY-SBYV26C Datasheet
80Kb / 5P
Glass Passivated Ultrafast Rectifier
15-Mar-11
logo
Shenzhen Taychipst Elec...
SBYV26C TAYCHIPST-SBYV26C Datasheet
15Mb / 2P
Glass Passivated Ultrafast Rectifier
logo
SUNMATE electronic Co.,...
SBYV26C SUNMATE-SBYV26C Datasheet
81Kb / 2P
1.0A Axial Leaded Ultra Fast Rectifier
More results


Similar Description - SBYV26C

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5620 GULFSEMI-1N5620 Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYG10Y GULFSEMI-BYG10Y Datasheet
140Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?600 V CURRENT竊?1.5A
BYV26FGP GULFSEMI-BYV26FGP Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?1200V to 1400V CURRENT: 1.0A
SBYD17D GULFSEMI-SBYD17D Datasheet
151Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SR1A GULFSEMI-SR1A Datasheet
187Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SR1D-E GULFSEMI-SR1D-E Datasheet
161Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SS1A GULFSEMI-SS1A Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SS1Q GULFSEMI-SS1Q Datasheet
174Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
SS1T GULFSEMI-SS1T Datasheet
169Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?300V CURRENT竊?1.0A
SU1A GULFSEMI-SU1A Datasheet
129Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com