Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBYV26C Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SBYV26C
Description  SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200 to 1400V CURRENT: 1.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SBYV26C Datasheet(HTML) 1 Page - Gulf Semiconductor

  SBYV26C Datasheet HTML 1Page - Gulf Semiconductor SBYV26C Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SBYV26A THRU SBYV26G
SINTERED GLASS JUNCTION
SURFACE MOUNTED RECTIFIER
VOLTAGE:
:
:
: 200 to 1400V
CURRENT: 1.0A
FEATURE
GF1/ DO-214BA
Ideal for surface mount automotive applications
High temperature metallurgically bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350
°C /10sec/0.375”lead length at 5 lbs tension
Operate at Ta =55
°C with no thermal run away
Typical Ir<0.1
µA
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E,
Method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Marking: V26A V26B V26C V26D V26E V26F V26G
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
SBYV
26A
SBYV
26B
SBYV
26C
SBYV
26D
SBYV
26E
SBYV
26F
SBYV
26G
units
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1000
1200
1400
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
840
980
V
Maximum DC blocking Voltage
VDC
200
400
600
800
1000
1200
1400
V
Reverse avalanche breakdown voltage at IR
= 0.1 mA
V(BR)R
300
min
500
min
700
min
900
min
1100
min
1300
min
1500
min
V
Maximum Average Forward Rectified current
T
L =120℃
IFAV
1.0
A
Non-repetitive
Peak
Forward
Current
at
t=10ms half sine wave
IFSM
30
A
Maximum Forward Voltage at rated Forward
Current
VF
2.5
2.15
V
Non-repetitive
peak
reverse
avalanche
energy (Note 1)
ERSM
10
mJ
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =165
°C
IR
5.0
150.0
µA
Maximum Reverse Recovery Time
(Note 2)
Trr
30
75
150
nS
Diode Capacitance
(Note 3)
Cj
15.0
pF
Typical Thermal Resistance
(Note 4)
Rth(ja)
100
°C /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
°C
Note: 1. R=400mA; Tj=Tjmax prior to surge; inductive load switched off
2. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
3. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
4. Thermal Resistance from Junction to Ambient and from junction to lead, P.C.B. Mounted on 0.2×0.2″(5.0×5.0mm) copper pad areas


Similar Part No. - SBYV26C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV26C VISHAY-SBYV26C Datasheet
30Kb / 2P
Glass Passivated Ultrafast Rectifier
11-Feb-02
SBYV26C VISHAY-SBYV26C Datasheet
108Kb / 5P
Glass Passivated Ultrafast Rectifier
20-Aug-07
SBYV26C VISHAY-SBYV26C Datasheet
80Kb / 5P
Glass Passivated Ultrafast Rectifier
15-Mar-11
logo
Shenzhen Taychipst Elec...
SBYV26C TAYCHIPST-SBYV26C Datasheet
15Mb / 2P
Glass Passivated Ultrafast Rectifier
logo
SUNMATE electronic Co.,...
SBYV26C SUNMATE-SBYV26C Datasheet
81Kb / 2P
1.0A Axial Leaded Ultra Fast Rectifier
More results

Similar Description - SBYV26C

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5620 GULFSEMI-1N5620 Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYG10Y GULFSEMI-BYG10Y Datasheet
140Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?600 V CURRENT竊?1.5A
BYV26FGP GULFSEMI-BYV26FGP Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?1200V to 1400V CURRENT: 1.0A
SBYD17D GULFSEMI-SBYD17D Datasheet
151Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SR1A GULFSEMI-SR1A Datasheet
187Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SR1D-E GULFSEMI-SR1D-E Datasheet
161Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SS1A GULFSEMI-SS1A Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SS1Q GULFSEMI-SS1Q Datasheet
174Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
SS1T GULFSEMI-SS1T Datasheet
169Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?300V CURRENT竊?1.0A
SU1A GULFSEMI-SU1A Datasheet
129Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com