Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE4960P Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AFE4960P Datasheet PDF - Texas Instruments
Part # AFE4960P
Download  AFE4960P Download
File Size   697.51 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables

AFE4960P Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE4960P Datasheet PDF - Texas Instruments

Part # AFE4960P
Download  AFE4960P Click to download

File Size   697.51 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables

AFE4960P Datasheet (HTML) - Texas Instruments


AFE4960P Product details

1 Features
• Supports ECG and respiration impedance
measurement; configurable as 2-channel ECG or
1-channel ECG + 1-channel respiration
• Can be used in IEC 60601-2-47:2012/(R)2016 and
IEC 60601-2-27:2011(R)2016 compliant systems
• 222 μA/channel while operating as 2-channel ECG
• Integrated Pace pulse detection on 1 channel
• Supports a 3-lead ECG, extendable to 5 leads or
higher by operating two or more AFEs in parallel
• PPG signal chain for SpO2, Heart rate and PTT
• ECG signal chain:
– Single channel ECG acquisition up to 2.048
kHz
– 2 channel ECG acquisition up to 1.36 kHz/
channel
– RLD output to set body bias through third
electrode
– Programmable INA gain from approximately 2
to 12
– >1 GΩ input impedance, CMRR > 100 dB
– Input noise (0.5-150 Hz): 13 μVpp at INA gain
of 3; 5 μVpp at INA gain of 12
– Integrated 370 Hz anti-aliasing low pass filter
– Mode for continuous lead on/off detection
– Mode for lead impedance measurement
• Bio-Z signal chain:
– Measurement of Bio-impedance over excitation
frequency from 30 kHz to 100 kHz
– Sine wave or square wave excitation
– Respiration impedance measurement: 45 mΩ-
pp noise on a baseline impedance of 2 kΩ
• Dual channel ECG channel:
– Bio-Z receiver configurable as a 2nd ECG
channel
• PPG Signal Chain
– Supports acquisition of up to 24 PPG signals
– Flexible allocation of 4 LED, 4 PD in each
phase
– 8-Bit LED Current control up to 250 mA
– Low noise current DAC at input to cancel DC
– Trans-impedance Gain: 3.7 kΩ to 1 MΩ
– Filter to reduce sensor’s optical noise
bandwidth
• External clock and internal oscillator modes
• FIFO with 128-sample Depth, 24-bit word
• SPITM, I2C interfaces: Selectable by pin
• 2.6-mm × 2.6-mm DSBGA, 0.4-mm Pitch
• Supplies: Rx:1.7-1.9 V, IO:1.7-1.9 V, Tx: 3.0-5.5 V
2 Applications
• Wireless patches for in-patient and out-patient
monitoring
• Event monitors for arrhythmia detection
• Hand-held ECG monitor
• Portable multi-lead ECG
• Patient vital sign monitoring: holter, event, stress
and telemedicine
• SpO2 & Heart rate, and PTT-based blood pressure
through synchronized ECG, PPG
3 Description
The AFE4960P supports synchronized signal
acquisition of ECG, PPG and bio-impedance signals.
A PPG signal chain comprises of a current driver for
LEDs and a receiver that senses the signal from PDs.
The AFE can be configured as either a 2-channel
ECG receiver or as a 1-channel ECG receiver and
a Respiration impedance channel. The AFE signal
chains can interface in a flexible manner to up to 4
electrodes. The AFE has AC and DC Lead biasing
and lead on/off detection. Pacemaker pulse detection
is supported on one channel. All the signal chain
outputs are converted by a single ADC in well-defined
time slots and stored as 24-bit words in a 128-sample
FIFO which can be read out using a SPI or an I2C
interface. The AFE4960P can be used to realize a
3-lead ECG system along with SpO2.




Similar Part No. - AFE4960P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4960P TI2-AFE4960P Datasheet
660Kb / 10P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables
MAY 2022
AFE4960PYBGR TI2-AFE4960PYBGR Datasheet
660Kb / 10P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables
MAY 2022
AFE4960PYBGR.A TI2-AFE4960PYBGR.A Datasheet
660Kb / 10P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables
MAY 2022
AFE4960PYBGT TI2-AFE4960PYBGT Datasheet
660Kb / 10P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables
MAY 2022
AFE4960PYBGT.A TI2-AFE4960PYBGT.A Datasheet
660Kb / 10P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables
MAY 2022
More results


Similar Description - AFE4960P

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
KeyWave AFE ADSL Analog Front End
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
Ultrasound Receive Analog Front End (AFE)
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
logo
Maxim Integrated Produc...
MAX30001 MAXIM-MAX30001_V01 Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
logo
Texas Instruments
AFE4960 TI-AFE4960 Datasheet
935Kb / 12P
AFE4960 Two-Channel ECG, Respiration and Pace pulse detection Analog Front End (AFE) for Clinical Wearables
SBASAE1 ??OCTOBER 2021
AFE4960 TI-AFE4960_V01 Datasheet
1Mb / 10P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End(AFE) for Clinical Wearables
MARCH 2022
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com