Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE4960PYBGT Datasheet (PDF) - Texas Instruments

AFE4960PYBGT Datasheet PDF - Texas Instruments
Part # AFE4960PYBGT
Download  AFE4960PYBGT Download
File Size   660.81 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables

AFE4960PYBGT Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE4960PYBGT Datasheet PDF - Texas Instruments

Part # AFE4960PYBGT
Download  AFE4960PYBGT Click to download

File Size   660.81 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables

AFE4960PYBGT Datasheet (HTML) - Texas Instruments


AFE4960PYBGT Product details

1 Features
• Supports ECG and respiration impedance
measurement; configurable as 2-channel ECG or
1-channel ECG + 1-channel respiration
• Can be used in IEC 60601-2-47:2012/(R)2016 and
IEC 60601-2-27:2011(R)2016 compliant systems
• 222 μA/channel while operating as 2-channel ECG
• Integrated Pace pulse detection on 1 channel
• Supports a 3-lead ECG, extendable to 5 leads or
higher by operating two or more AFEs in parallel
• PPG signal chain for SpO2, Heart rate and PTT
• ECG signal chain:
– Single channel ECG acquisition up to 2.048
kHz
– 2 channel ECG acquisition up to 1.36 kHz/
channel
– RLD output to set body bias through third
electrode
– Programmable INA gain from approximately 2
to 12
– >1 GΩ input impedance, CMRR > 100 dB
– Input noise (0.5-150 Hz): 13 μVpp at INA gain
of 3; 5 μVpp at INA gain of 12
– Integrated 370 Hz anti-aliasing low pass filter
– Mode for continuous lead on/off detection
– Mode for lead impedance measurement
• Bio-Z signal chain:
– Measurement of Bio-impedance over excitation
frequency from 30 kHz to 100 kHz
– Sine wave or square wave excitation
– Respiration impedance measurement: 45 mΩ-
pp noise on a baseline impedance of 2 kΩ
• Dual channel ECG channel:
– Bio-Z receiver configurable as a 2nd ECG
channel
• PPG Signal Chain
– Supports acquisition of up to 24 PPG signals
– Flexible allocation of 4 LED, 4 PD in each
phase
– 8-Bit LED Current control up to 250 mA
– Low noise current DAC at input to cancel DC
– Trans-impedance Gain: 3.7 kΩ to 1 MΩ
– Filter to reduce sensor’s optical noise
bandwidth
• External clock and internal oscillator modes
• FIFO with 128-sample Depth, 24-bit word
• SPITM, I2C interfaces: Selectable by pin
• 2.6-mm × 2.6-mm DSBGA, 0.4-mm Pitch
• Supplies: Rx:1.7-1.9 V, IO:1.7-1.9 V, Tx: 3.0-5.5 V

2 Applications
• Wireless patches for in-patient and out-patient
monitoring
• Event monitors for arrhythmia detection
• Hand-held ECG monitor
• Portable multi-lead ECG
• Patient vital sign monitoring: holter, event, stress
and telemedicine
• SpO2 & Heart rate, and PTT-based blood pressure
through synchronized ECG, PPG

3 Description
The AFE4960P supports synchronized signal
acquisition of ECG, PPG and bio-impedance signals.
A PPG signal chain comprises of a current driver for
LEDs and a receiver that senses the signal from PDs.
The AFE can be configured as either a 2-channel
ECG receiver or as a 1-channel ECG receiver and
a Respiration impedance channel. The AFE signal
chains can interface in a flexible manner to up to 4
electrodes. The AFE has AC and DC Lead biasing
and lead on/off detection. Pacemaker pulse detection
is supported on one channel. All the signal chain
outputs are converted by a single ADC in well-defined
time slots and stored as 24-bit words in a 128-sample
FIFO which can be read out using a SPI or an I2C
interface. The AFE4960P can be used to realize a
3-lead ECG system along with SpO2.




Similar Part No. - AFE4960PYBGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4960PYBGT TI-AFE4960PYBGT Datasheet
697Kb / 11P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables
MAY 2022
More results


Similar Description - AFE4960PYBGT

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
KeyWave AFE ADSL Analog Front End
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
Ultrasound Receive Analog Front End (AFE)
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
logo
Maxim Integrated Produc...
MAX30001 MAXIM-MAX30001_V01 Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
logo
Texas Instruments
AFE4960 TI-AFE4960 Datasheet
935Kb / 12P
AFE4960 Two-Channel ECG, Respiration and Pace pulse detection Analog Front End (AFE) for Clinical Wearables
SBASAE1 ??OCTOBER 2021
AFE4960 TI-AFE4960_V01 Datasheet
1Mb / 10P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End(AFE) for Clinical Wearables
MARCH 2022
AFE4960P TI-AFE4960P Datasheet
697Kb / 11P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables
MAY 2022
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com