Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC621XX-AF5-R Datasheet (PDF) - Unisonic Technologies

UC621XX-AF5-R Datasheet PDF - Unisonic Technologies
Part # UC621XX-AF5-R
Download  UC621XX-AF5-R Download
File Size   193.78 Kbytes
Page   14 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description CMOS IC

UC621XX-AF5-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UC621XX-AF5-R Datasheet PDF - Unisonic Technologies

Part # UC621XX-AF5-R
Download  UC621XX-AF5-R Click to download

File Size   193.78 Kbytes
Page   14 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description CMOS IC

UC621XX-AF5-R Datasheet (HTML) - Unisonic Technologies


UC621XX-AF5-R Product details

DESCRIPTION
The UTC UC621XX is a positive output voltage regulator that can supply up to 1A of output current using an external transistor. Low power and high accuracy are achieved through CMOS process and metal fuses trimming technologies. The series consists of a high precision voltage reference, an error correction circuit and a short-circuit protected output driver. In stand-by mode, supply current can be dramatically cut. Since the input-output voltage differential is small, loss control efficiency is good.
The UTC UC621XX is particularly suited for use with battery operated portable products, and products where supply current regulation is required.

FEATURES
* Ultra Small Input-Output Voltage Differential
   : 100mA of output current is available with a differential of 0.1V.
   (Performance depends on the external transistor characteristics.)
* Maximum Output Current : 1A
* Output Voltage Range : 2V ~ 6V in 0.1V increments
* Highly Accurate : Set-up voltage ±2%
* Low Power Consumption : Typ.50μA (VOUT = 5.0V)
                                           : Typ.0.2μA (Stand-by)
* Output Voltage Temperature Characteristics: Typ. ±100ppm/℃
* Input Stability : Typ.0.1%/V




Similar Part No. - UC621XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC621XX UTC-UC621XX Datasheet
388Kb / 13P
BOOSTING VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UC621XX ETL-UC621XX Datasheet
199Kb / 14P
BOOSTING VOLTAGE REGULATORS
logo
Unisonic Technologies
UC621XX UTC-UC621XX Datasheet
402Kb / 13P
BOOSTING VOLTAGE REGULATORS
UC621XXG-AF5-R UTC-UC621XXG-AF5-R Datasheet
388Kb / 13P
BOOSTING VOLTAGE REGULATORS
UC621XXL-AF5-R UTC-UC621XXL-AF5-R Datasheet
388Kb / 13P
BOOSTING VOLTAGE REGULATORS
More results


Similar Description - UC621XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com