Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8444 Datasheet (PDF) - ams AG

AS8444 Datasheet PDF - ams AG
Part # AS8444
Download  AS8444 Download
File Size   45.63 Kbytes
Page   1 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Programmable PWM DC Motor Driver / Controller

AS8444 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8444 Datasheet PDF - ams AG

Part # AS8444
Download  AS8444 Click to download

File Size   45.63 Kbytes
Page   1 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Programmable PWM DC Motor Driver / Controller

AS8444 Datasheet (HTML) - ams AG


AS8444 Product details

General Description
The AS8444 is a complete and fully protected PWM DC motor driver/controller, which could be implemented by interfacing a low cost 8-bit µP and a high-side N-channel power FET switch.

Key Features
- Programmable PWM DC Motor Driver / Controller with µP Interface (Three Wire Interface)
- Programmable Functions and Parameters for Motor Current, Voltage and Speed Regulation
- Single Voltage Supply in the range Vbat = 6.0 V to 30 V (Vbat,max = 40 V)
- Total Power Efficiency up to 96 %
- Low RF Emission within the whole frequency range due to an integrated special EMC compliant driver
- No EMC Filters required
- Driver fulfils EMC Level 5 (CISPR 25)
- Dynamically self-adjusting slew rate regulated switching technology
- Fully protected by programmable failure handling procedures via µP
- Fast Over Current and Over / Under Voltage Detection and Protection, Battery Voltage Monitoring
- External and On Chip Temperature Detection and Protection
- Motor Current and Speed Measurement with a shunt resistor and capability of trimming the chip for an external shunt value
- LIN Bus Interface
- Programmable Parameters:
    • EMC compliant Driver Functions
    • Over Current, Over / Under Voltage Threshold Values
    • Motor Failure Threshold Levels
    • Motor Current Measurement Range
    • Trimming for the current measurement shunt
    • PWM Frequency, Charge Pump Monitor
- Charge Pump to control high side drivers
- Integrated 5 V Power Supply for external components (µP, etc.)
- Standby and Wake-up capability
- Sleep / Wake-up Mode system controlled by the µP and the LIN Bus
- SOIC 28 Package

Applications
- Fan cooler
- Air conditioning
- Fuel pumps
- Water and oil pumps
- General purpose DC Motor Regulators




Similar Part No. - AS8444

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AS8446-A COILCRAFT-AS8446-A Datasheet
134Kb / 2P
ADSL Transformers
AS8446-A COILCRAFT-AS8446-A Datasheet
185Kb / 2P
ADSL Transformers
More results


Similar Description - AS8444

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33030 ONSEMI-MC33030 Datasheet
322Kb / 16P
DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
logo
Elantec Semiconductor
EL7571C ELANTEC-EL7571C Datasheet
480Kb / 23P
Programmable PWM Controller
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
brushless DC Motor Driver/Controller
logo
Intersil Corporation
EL7571 INTERSIL-EL7571 Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
logo
ams AG
AS8846 AMSCO-AS8846 Datasheet
1Mb / 35P
Programmable PWM DC Motor Driver / Controller
logo
ON Semiconductor
MC33030 ONSEMI-MC33030_06 Datasheet
214Kb / 17P
DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
logo
New Japan Radio
NJW4303 NJRC-NJW4303 Datasheet
345Kb / 28P
PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
NJW4305 NJRC-NJW4305 Datasheet
157Kb / 1P
PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
logo
Renesas Technology Corp
EL7571 RENESAS-EL7571 Datasheet
847Kb / 19P
Programmable PWM Controller
logo
Toshiba Semiconductor
TB67H450FNG TOSHIBA-TB67H450FNG Datasheet
495Kb / 22P
PWM Chopper Type DC Brushed Motor Driver
3.0
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com