Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFA86210F Datasheet (PDF) - ON Semiconductor

PCFA86210F Datasheet PDF - ON Semiconductor
Part # PCFA86210F
Download  PCFA86210F Download
File Size   240.08 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel 150 V, 6.1 m

PCFA86210F Datasheet (PDF)

Go To PDF Page Download Datasheet
PCFA86210F Datasheet PDF - ON Semiconductor

Part # PCFA86210F
Download  PCFA86210F Click to download

File Size   240.08 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel 150 V, 6.1 m

PCFA86210F Datasheet (HTML) - ON Semiconductor


PCFA86210F Product details

Features
• Typical RDS(on) = 4.8 m at VGS = 10 V
• Typical Qg(tot) = 70 nC at VGS = 10 V
• AEC−Q101 Qualified and PPAP Capable
• RoHS Compliant




Similar Part No. - PCFA86210F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCFA86062F ONSEMI-PCFA86062F Datasheet
243Kb / 7P
MOSFET ??Power, N-Channel 100 V, 1.8 m
June, 2021 ??Rev. 0
PCFA86062WA ONSEMI-PCFA86062WA Datasheet
275Kb / 7P
MOSFET ??Power, N-Channel 100 V, 1.8 m
July, 2021 ??Rev. 0
PCFA86361F ONSEMI-PCFA86361F Datasheet
217Kb / 7P
MOSFET ??Power, N-Channel 80 V, 1.25 m
July, 2021 ??Rev. 2
PCFA86561F ONSEMI-PCFA86561F Datasheet
224Kb / 7P
MOSFET ??Power, N-Channel 60 V, 0.95 m
July, 2021 ??Rev. 1
More results


Similar Description - PCFA86210F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8651 FAIRCHILD-FDMC8651 Datasheet
300Kb / 7P
N-Channel Power Trench짰 MOSFET 30 V, 20 A, 6.1 m廓
FDC86244 FAIRCHILD-FDC86244 Datasheet
301Kb / 7P
N-Channel Power Trench짰 MOSFET 150 V, 2.3 A, 144 m廓
logo
ACE Technology Co., LTD...
ACE2390M ACE-ACE2390M Datasheet
508Kb / 7P
N-Channel 150-V MOSFET
VER 1.1
ACE2391M ACE-ACE2391M Datasheet
723Kb / 6P
N-Channel 150-V MOSFET
VER 1.1
logo
ON Semiconductor
NTTFS1D8N02P1E ONSEMI-NTTFS1D8N02P1E Datasheet
183Kb / 7P
MOSFET - Power, Single N-Channel, Power33 25 V, 1.3 m, 150 A
May, 2020 ??Rev. 1
HUF75852G3 ONSEMI-HUF75852G3 Datasheet
544Kb / 12P
MOSFET ??Power, N-Channel, Ultrafet 150 V, 75 A, 16 m
March, 2020 ??Rev. 3
NTLJS4D9N03H ONSEMI-NTLJS4D9N03H Datasheet
337Kb / 7P
MOSFET - Power, Single N-Channel, WDFN6 30 V, 6.1 m, 15.9 A
May, 2020-Rev. P3
NTMFSC006N12MC ONSEMI-NTMFSC006N12MC Datasheet
287Kb / 6P
MOSFET - Power, Dualcool N-Channel, PQFN8 120 V, 6.1 m, 92 A
December, 2021-Rev. 1
NVMYS6D2N06CL ONSEMI-NVMYS6D2N06CL Datasheet
332Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 6.1 m, 71 A
November, 2019 ??Rev. 0
NVCR8LS4D1N15MCA ONSEMI-NVCR8LS4D1N15MCA Datasheet
145Kb / 6P
MOSFET – Power, N-Channel 150 V, 4.1 m
June, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com