Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFA86361F Datasheet (PDF) - ON Semiconductor

PCFA86361F Datasheet PDF - ON Semiconductor
Part # PCFA86361F
Download  PCFA86361F Download
File Size   217.57 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel 80 V, 1.25 m

PCFA86361F Datasheet (PDF)

Go To PDF Page Download Datasheet
PCFA86361F Datasheet PDF - ON Semiconductor

Part # PCFA86361F
Download  PCFA86361F Click to download

File Size   217.57 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel 80 V, 1.25 m

PCFA86361F Datasheet (HTML) - ON Semiconductor


PCFA86361F Product details

Features
• Typical RDS(on) = 1.0 m at VGS = 10 V
• Typical Qg(tot) = 172 nC at VGS = 10 V
• AEC−Q101 Qualified and PPAP Capable
• RoHS Compliant




Similar Part No. - PCFA86361F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCFA86062F ONSEMI-PCFA86062F Datasheet
243Kb / 7P
MOSFET ??Power, N-Channel 100 V, 1.8 m
June, 2021 ??Rev. 0
PCFA86062WA ONSEMI-PCFA86062WA Datasheet
275Kb / 7P
MOSFET ??Power, N-Channel 100 V, 1.8 m
July, 2021 ??Rev. 0
PCFA86210F ONSEMI-PCFA86210F Datasheet
240Kb / 7P
MOSFET ??Power, N-Channel 150 V, 6.1 m
June, 2021 ??Rev. 1
PCFA86561F ONSEMI-PCFA86561F Datasheet
224Kb / 7P
MOSFET ??Power, N-Channel 60 V, 0.95 m
July, 2021 ??Rev. 1
More results


Similar Description - PCFA86361F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF05N50Z ONSEMI-NDF05N50Z Datasheet
166Kb / 9P
N-Channel Power MOSFET 500 V, 1.25 ?
December, 2009 ??Rev. 0
FDWS86368-F085 ONSEMI-FDWS86368-F085 Datasheet
426Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NVCR4LS1D7N08M7A ONSEMI-NVCR4LS1D7N08M7A Datasheet
854Kb / 6P
MOSFET ??Power, N-Channel 80 V, 1.75 m
February, 2022-Rev. 0
NVCR4LS2D8N08M7A ONSEMI-NVCR4LS2D8N08M7A Datasheet
149Kb / 6P
MOSFET ??Power, N-Channel 80 V, 2.8 m
February, 2022 ??Rev. 0
NVCR4LS3D6N08M7A ONSEMI-NVCR4LS3D6N08M7A Datasheet
390Kb / 6P
MOSFET ??Power, N-Channel 80 V, 3.6 m
February, 2022 ??Rev. 0
NVMTSC1D3N08M7 ONSEMI-NVMTSC1D3N08M7 Datasheet
423Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.25 m, 348 A
January, 2020 ??Rev. 3
NVCR4LS1D3N08M7A ONSEMI-NVCR4LS1D3N08M7A Datasheet
201Kb / 7P
MOSFET – Power, N-Channel 80 V, 1.27 m
October, 2022 - Rev. 0
NVMJST1D2N04C ONSEMI-NVMJST1D2N04C Datasheet
327Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 1.25 m, 451 A
September, 2022 - Rev. 0
NVCW4LS001N08HA ONSEMI-NVCW4LS001N08HA Datasheet
124Kb / 6P
MOSFET – Power, N-Channel 80 V, 1.0 m
June, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com