Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVCW4LS001N08HA Datasheet (PDF) - ON Semiconductor

NVCW4LS001N08HA Datasheet PDF - ON Semiconductor
Part # NVCW4LS001N08HA
Download  NVCW4LS001N08HA Download
File Size   124.15 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – Power, N-Channel 80 V, 1.0 m

NVCW4LS001N08HA Datasheet (PDF)

Go To PDF Page Download Datasheet
NVCW4LS001N08HA Datasheet PDF - ON Semiconductor

Part # NVCW4LS001N08HA
Download  NVCW4LS001N08HA Click to download

File Size   124.15 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – Power, N-Channel 80 V, 1.0 m

NVCW4LS001N08HA Datasheet (HTML) - ON Semiconductor


NVCW4LS001N08HA Product details

Features
• Typical RDS(on) = 0.82 m at VGS = 10 V
• Typical Qg(tot) = 166 nC at VGS = 10 V
• AEC−Q101 Qualified
• RoHS Compliant




Similar Part No. - NVCW4LS001N08HA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVCW3SS0D5N03CLA ONSEMI-NVCW3SS0D5N03CLA Datasheet
112Kb / 6P
MOSFET ??Power, Single N-Channel 30 V, 0.52 m
April, 2022 ??Rev. 0
logo
NICHIA CORPORATION
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
Built-in ESD Protection Device
NVCWL024Z-M2 NICHIA-NVCWL024Z-M2 Datasheet
453Kb / 17P
Built-in ESD Protection Device
NVCWL024Z-M3 NICHIA-NVCWL024Z-M3 Datasheet
455Kb / 17P
Built-in ESD Protection Device
NVCWL024Z-V1 NICHIA-NVCWL024Z-V1 Datasheet
959Kb / 43P
SPECIFICATIONS FOR WHITE LED
More results


Similar Description - NVCW4LS001N08HA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
80 V N-Channel NexFET Power MOSFET
CSD19505KTT TI1-CSD19505KTT Datasheet
408Kb / 13P
80 V N-Channel NexFET Power MOSFET
logo
ON Semiconductor
NTH4L080N120SC1 ONSEMI-NTH4L080N120SC1 Datasheet
419Kb / 8P
MOSFET ??Power, N-Channel, Silicon Carbide, 1200 V, 80 m
December, 2019??Rev. 1
FDWS86368-F085 ONSEMI-FDWS86368-F085 Datasheet
426Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NVCR4LS1D7N08M7A ONSEMI-NVCR4LS1D7N08M7A Datasheet
854Kb / 6P
MOSFET ??Power, N-Channel 80 V, 1.75 m
February, 2022-Rev. 0
NVCR4LS2D8N08M7A ONSEMI-NVCR4LS2D8N08M7A Datasheet
149Kb / 6P
MOSFET ??Power, N-Channel 80 V, 2.8 m
February, 2022 ??Rev. 0
NVCR4LS3D6N08M7A ONSEMI-NVCR4LS3D6N08M7A Datasheet
390Kb / 6P
MOSFET ??Power, N-Channel 80 V, 3.6 m
February, 2022 ??Rev. 0
PCFA86361F ONSEMI-PCFA86361F Datasheet
217Kb / 7P
MOSFET ??Power, N-Channel 80 V, 1.25 m
July, 2021 ??Rev. 2
NVCR4LS1D3N08M7A ONSEMI-NVCR4LS1D3N08M7A Datasheet
201Kb / 7P
MOSFET – Power, N-Channel 80 V, 1.27 m
October, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com